Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM3061EBRZ-R7 Datasheet HTML 13Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 14Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 15Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 16Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 17Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 18Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 19Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 20Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 17 of 27
C1 1.0V/DIV
C2 2.0V/DIV
50Ω BW: 1.5G
50Ω BW: 1.5G
20ns/DIV
5.0GS/s
200ps/pt
A C1
1.34V
1
2
VOD
DI
Figure 27. Driver Propagation Delay (Oscilloscope Plot),
Data Rate = 50 Mbps, 50 Mbps models
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
VCC = 5.5V
VCC = 4.5V
VCC = 3.0V
Figure 28. Driver Output Current vs. Driver Differential Output Voltage
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VCC = 3.0V
VCC = 4.5V
Figure 29. Driver Differential Output Voltage vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
–7
–5
–3
–1
–6
–4
–2
0
1
3
24
5
DRIVER OUTPUT HIGH VOLTAGE (V)
VIO = VCC = 3.3 V
Figure 30. Driver Output Current vs. Driver Output High Voltage
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
02
4
6
8
10
12
DRIVER OUTPUT LOW VOLTAGE (V)
VIO = VCC = 3.3 V
Figure 31. Driver Output Current vs. Driver Output Low Voltage
C1 1.0V/DIV
C2 1.0V/DIV
50Ω BW: 1.5G
50Ω BW: 1.5G
20ns/DIV
5.0GS/s
200ps/pt
A C1
0.0V
1
2
RO
VID
Figure 32. Receiver Propagation Delay (Oscilloscope Plot) at 50 Mbps,
|VID| ≥ 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com