Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3061EBRZ-R7 Datasheet HTML 5Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 6Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 7Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 8Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 9Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 10Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 11Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 12Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 9 of 27
Timing Diagrams
VCC
VOD
0V
+VOD
NOTES
1. VOD IS THE DIFFERENCE BETWEEN A AND B,
WITH +VOD BEING THE MAXIMUM POINT OF VOD,
AND –VOD BEING THE MINIMUM POINT OF VOD.
–VOD
Y, A
B, Z
VOD
tDR
tDF
tDPLH
tDPHL
90% POINT
10% POINT
90% POINT
10% POINT
1/2VOD
1/2VCC
1/2VCC
2. VCC = VIO FOR ADM3062E/ADM3064E/ADM3066E/ADM3068E.
VOD = V(A) – V(B)
tSKEW = tDPLH – tDPHL
Figure 5. Driver Propagation Delay Rise and Fall Timing Diagram
A OR B
A OR B
DE
VIO
VCC
0V
0V
VOH
VOL
1/2VIO
1/2VIO
1/2 (VCC + VOL)
1/2VOH
tDLZ
tDZL
tDZH
tDHZ
VOL + 0.5V
VOH – 0.5V
NOTES
1. VIO = VCC FOR ADM3061E/ADM3063E/ADM3065E/ADM3067E.
2. A = Y, B = Z FOR ADM3063E/ADM3064E/ADM3066E/ADM3068E
Figure 6. Driver Enable and Disable Timing Diagram
1/2VCC
1/2VCC
tRPLH
tRPHL
RO
VOH
0V
A – B
0V
VOL
NOTES
1. VCC = VIO FOR ADM3062E/ADM3064E/ADM3066E/ADM3068E.
tRSKEW = |tRPLH – tRPHL|
Figure 7. Receiver Propagation Delay Timing Diagram
RO
RO
RE
VCC
0V
0V
1/2VCC
1/2VCC
OUTPUT LOW
OUTPUT HIGH
tRLZ
tRZL
tRHZ
tRZH
VOL + 0.5V
VOH – 0.5V
VOH
VOL
1/2VCC
1/2VCC
NOTES
1. VCC = VIO FOR ADM3062E/ADM3064E/ADM3066E/ADM3068E.
VCC
Figure 8. Receiver Enable and Disable Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com