Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
9.4 Device Functional Modes
9.4.1 Standby Modes
The LM25143 operates with peak current-mode control such that the compensation voltage is proportional to the
peak inductor current. During no-load or light-load conditions, the output capacitor discharges very slowly. As
a result, the compensation voltage does not demand driver output pulses on a cycle-by-cycle basis. When the
LM25143 controller detects 16 missed switching cycles, it enters standby mode and switches to a low IQ state
to reduce the current drawn from the input. For the LM25143 to go into standby mode, the controller must be
programmed for diode emulation (VDEMB < 0.4 V).
There are two standby modes: ultra-low IQ and normal mode. To enter ultra-low IQ mode, connect MODE to
AGND through a 10-kΩ resistor. In ultra-low IQ mode, the transconductance amplifier gain is reduced from 1200
µS to 60 µS. The typical ultra-low IQ is 15 μA with channel 1 set to 3.3 V and the channel 2 disabled. If ultra-low
IQ is not required, connect MODE to AGND. In normal mode, the IQ is 25 μA with channel 1 set to 3.3 V and the
second channel disabled.
9.4.2 Diode Emulation Mode
A fully synchronous buck regulator implemented with a low-side synchronous MOSFET rather than a diode
has the capability to sink negative current from the output during light-load, overvoltage, and prebias start-up
conditions. The LM25143 provides a diode emulation feature that can be enabled to prevent reverse (drain-
to-source) current flow in the low-side MOSFET. When configured for diode emulation (DEM), the low-side
MOSFET is switched off when reverse current flow is detected by sensing of the applicable SW voltage using
a zero-cross comparator. The benefit of this configuration is lower power loss at light-load conditions; the
disadvantage being slower light-load transient response.
The diode emulation feature is configured with the DEMB pin. To enable diode emulation and thus achieve
discontinuous conduction mode (DCM) operation at light loads, connect DEMB to AGND. If FPWM or continuous
conduction mode (CCM) operation is desired, tie DEMB to VDDA. See Table 9-4. Note that diode emulation is
automatically engaged to prevent reverse current flow during a prebias start-up in FPWM. A gradual change
from DCM to CCM operation provides monotonic start-up performance.
Table 9-4. DEMB Settings
DEMB
FPWM/DEM
VDDA
FPWM
AGND
DEM
External clock
FPWM
9.4.3 Thermal Shutdown
The LM25143 includes an internal junction temperature monitor. If the temperature exceeds 175°C (typical),
thermal shutdown occurs. When entering thermal shutdown, the device:
1. Turns off the high-side and low-side MOSFETs
2. Pulls SS1/2 and PG1/2 low
3. Turns off the VCC regulator
4. Initiates a soft-start sequence when the die temperature decreases by the thermal shutdown hysteresis of
15°C (typical)
This is a non-latching protection, and as such, the device cycles into and out of thermal shutdown if the fault
persists.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com