Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
9.2 Functional Block Diagram
+
-
800mV
RT amp
`
BIAS
PLL &
OSCILLATORS
CLK1
CLK2
VDDA
CONTROL
HICCUP FAULT
TIMER
512 CYCLES
RESTART
LOGIC
HICCUP1/2
DITHER
VREF 0.6V
VREF
-
+
+
20PA
+
-
GAIN = 12
SLOPE COMP
RAMP
PWM1/2
+
_
STANDBY
LEVEL SHIFT
ADAPTIVE
DEADTIME
CLK1/2
DEM/FPWM
+
-
CURRENT
LIMIT
HB1/2
UVLO
PG
DELAY
25Ps
PGUV
PGOV
ILIM1/2
ILIM1/2
COMMON
CHANNEL 1/2
0.660V
0.552V
75mV
FB
DECODER
/MUX
3.3V
5V
SS1/2
SS1/2
ERROR
AMPLIFER
HICCUP1/2
FB1/2
150mV
Q
Q
R
S
DECODER
INTERLEAVE
+
-
HB1
MODE
DITH
SYNCOUT
DEMB/
SYNCIN
RT
HO1/2
HOL1/2
SW1/2
LO1/2
LOL1/2
PGND1/2
VCC
PG1/2
COMP1/2
SS1/2
FB1/2
VOUT1/2
CS1/2
EN1/2
AGND
RES
VDDA
VCC
VCCX
VIN
21PA
ULIQ
DEM/FPWM
INTERLEAVE
COMP1/2 ENABLE
+
-
GM
125mV
ILIM1/2
22PA
22PA
VOUT1
ULIQ
+
-
+
±
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com