Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
10.2.2 Design 2 – Two-Phase, 15-A, 2.1-MHz Single-Output Buck Regulator for Server Applications
Figure 10-21 shows the schematic diagram of a single-output, two-phase synchronous buck regulator with an
output voltage of 5 V and rated load current of 15 A. In this example, the target half-load and full-load efficiencies
are 93% and 91%, respectively, based on a nominal input voltage of 12 V that ranges from 5 V to 36 V. The
switching frequency is set at 2.1 MHz by resistor RRT. The 5-V output is connected to VCCX to reduce IC
bias power dissipation and improve light-load efficiency. An output voltage of 3.3 V is also feasible simply by
connecting FB1 to VDDA.
Note
See the LM5143-Q1 4-phase Buck Regulator Design for Automotive ADAS Applications application
report for a four-phase, 30-A version of this design.
VIN = 5 V...36 V
(12 V nom)
SS2 RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
VIN
VIN
LM25143
* VOUT tracks VIN if VIN < 5.4 V
LO1
CO2
CIN
CSS
CRES
CVDDA
LO2
CO1
RS2
RS1
Q2
Q1
Q4
Q3
RHO2
RHO1
CDITH
DITH
RRT
0.47 F
4
10 F
8
10 nF
4
47 F
10 nF
7 m
0.68 H
4
47 F
7 m
0.68 H
2.2 F
10.5 k
RCOMP
CCOMP
820 pF
30.1 k
1
1
CVCC2
2.2 F
CVCC1
CVCCX
2.2 F
VOUT = 5 V
IOUT = 15 A
DB1
0.1 F
CBST1
0.1 F
CBST2
DB2
68 nF
0.22 F
FB1
FB2 MODE
VDDA
VDDA
Figure 10-21. Application Circuit 2 With LM25143 Two-Phase Buck Regulator at 2.1 MHz
10.2.2.1 Design Requirements
Table 10-4 shows the intended input, output, and performance parameters for this automotive application design
example.
Table 10-4. Design Parameters
Design Parameter
Value
Input voltage range (steady state)
5 V to 18 V
Minimum transient input voltage
5 V
Maximum transient input voltage
36 V
Output voltage
5 V
Output current
15 A
Switching frequency
2.1 MHz
Output voltage regulation
±1%
Shutdown current
4 µA
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com