Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
9.3 Feature Description
9.3.1 Input Voltage Range (VIN)
The LM25143 operational input voltage range is from 3.5 V to 42 V. The device is intended for step-down
conversions from 12-V and 24-V supply rails. The application circuit in Figure 9-1 shows all the necessary
components to implement an LM25143-based wide-VIN dual-output step-down regulator using a single supply.
The LM25143 uses an internal LDO subregulator to provide a 5-V VCC bias rail for the gate drive and control
circuits (assuming the input voltage is higher than 5 V plus the necessary subregulator dropout specification).
VIN
SS2
RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
FB2
SYNCOUT
FB1
MODE
LM25143
LO1
CO2
CIN
CSS1
CSS2
CRES
CVDD
LO2
CO1
RHO2
RHO1
CDITH
DITH
RRT
VOUT2
VOUT1
SYNC Out
SYNC In (optional)
CVCC2
CVCC1
RS1
RS2
CHF2
RCOMP2 CCOMP2
CHF1
RCOMP1
CCOMP1
Figure 9-1. Dual-Output Regulator Schematic Diagram With an Input Voltage Range of 3.5 V to 42 V
In high input voltage applications, make sure the VIN and SW pins do not exceed their absolute maximum
voltage rating of 47 V during line or load transient events. Voltage excursions that exceed the Absolute Maximum
Ratings can damage the IC. Proceed carefully during PCB layout and use high-quality input bypass capacitors to
minimize voltage overshoot and ringing.
9.3.2 High-Voltage Bias Supply Regulator (VCC, VCCX, VDDA)
The LM25143 contains an internal high-voltage VCC bias regulator that provides the bias supply for the PWM
controller and the gate drivers for the external MOSFETs. The input voltage pin (VIN) can be connected directly
to an input voltage source up to 42 V. However, when the input voltage is below the VCC setpoint level, the VCC
voltage tracks VIN minus a small voltage drop.
The VCC regulator output current limit is 170 mA (minimum). At power up, the regulator sources current into the
capacitors connected at the VCC pin. When the VCC voltage exceeds 3.3 V, both output channels are enabled
(if EN1 and EN2 are connected to a voltage greater than 2 V) and the soft-start sequence begins. Both channels
remain active unless the VCC voltage falls below the VCC falling UVLO threshold of 3.1 V (typical) or EN1 or
EN2 is switched to a low state. The LM25143 has two VCC pins that must be connected together on the PCB.
TI recommends that two VCC capacitors are connected from VCC1 to PGND1 and from VCC2 to PGND2. The
recommended range for each VCC capacitor is from 2.2 µF to 10 µF.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com