Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
An internal 5-V linear regulator generates the VDDA bias supply. Bypass VDDA with a 470-nF ceramic capacitor
to achieve a low-noise internal bias rail. Normally, VDDA is 5 V, but there are two operating conditions where it
regulates at 3.3 V. The first is in skip cycle mode when VOUT1 is set to 3.3 V and VOUT2 is disabled. The second
is in a cold-crank start-up where VIN is 3.8 V and VOUT1 is 3.3 V.
Internal power dissipation of the VCC regulator can be minimized by connecting VCCX to a 5-V output at VOUT1
or VOUT2 or to an external 5-V supply. If the VCCX voltage is above 4.3 V, VCCX is internally connected to VCC
and the internal VCC regulator is disabled. Tie VCCX to AGND if it is unused. Never connect VCCX to a voltage
greater than 6.5 V or less than –0.3 V. If an external supply is connected to VCCX to power the LM25143, VIN
must be greater than the external bias voltage during all conditions to avoid damage to the controller.
9.3.3 Enable (EN1, EN2)
The LM25143 contains two enable inputs. EN1 and EN2 facilitate independent start-up and shutdown control of
VOUT1 and VOUT2. The enable pins can be connected to a voltage as high as 70 V. If an enable input is greater
than 2 V, its respective output is enabled. If an enable pin is pulled below 0.4 V, the output is shut down. If both
outputs are disabled, the LM25143 is in a low-IQ shutdown mode with a 4-µA typical current drawn from VIN. TI
does not recommend leaving EN1 or EN2 floating.
9.3.4 Power-Good Monitor (PG1, PG2)
The LM25143 includes output voltage monitoring signals for VOUT1 and VOUT2 to simplify sequencing and
supervision. The power-good function can be used to enable circuits that are supplied by the corresponding
voltage rail or to turn on sequenced supplies. Each power-good output (PG1 and PG2) switches to a high
impedance open-drain state when the corresponding output voltage is in regulation. Each output switches low
when the corresponding output voltage drops below the lower power-good threshold (92% typical) or rises above
the upper power-good threshold (110% typical). A 25-µs deglitch filter prevents false tripping of the power-good
signals during transients. TI recommends pullup resistors of 100 kΩ from PG1 and PG2 to the relevant logic rail.
PG1 and PG2 are asserted low during soft start and when the corresponding buck regulator is disabled by EN1
or EN2.
If the LM25143 is in diode emulation mode (VDEMB = 0 V) and enters sleep mode, the power-good comparators
are turned off to reduce quiescent current consumption. When this occurs, PG1 and PG2 are open or pulled high
(if a pullup resistor is connected) such that output undervoltage or overvoltage events are not detected.
9.3.5 Switching Frequency (RT)
The LM25143 oscillator is programmed by a resistor between RT and AGND to set an oscillator frequency
between 100 kHz to 2.2 MHz. CLK1 is the clock for channel 1 and CLK2 is for channel 2. CLK1 and CLK2 are
180° out of phase. Use Equation 1 to calculate the RT resistance for a given switching frequency.
RT
SW
22
R
k
F
MHz
:
ª
º
¬
¼
ª
º
¬
¼
(1)
Under low VIN conditions when either of the on times of the high-side MOSFETs exceeds the programmed
oscillator period, the LM25143 extends the switching period of that channel until the PWM latch is reset by
the current sense ramp exceeding the controller compensation voltage. In such an event, the oscillators (CLK1
and CLK2) operate independently and asynchronously until both channels can maintain output regulation at the
programmed frequency.
The approximate input voltage level where this occurs is given by Equation 2.
SW
IN(min)
OUT
SW
OFF(min)
t
V
V
t
t
˜
(2)
where
• tSW is the switching period.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com