Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 36Page - Analog Devices ADE7978_V01 Datasheet HTML 37Page - Analog Devices ADE7978_V01 Datasheet HTML 38Page - Analog Devices ADE7978_V01 Datasheet HTML 39Page - Analog Devices ADE7978_V01 Datasheet HTML 40Page - Analog Devices ADE7978_V01 Datasheet HTML 41Page - Analog Devices ADE7978_V01 Datasheet HTML 42Page - Analog Devices ADE7978_V01 Datasheet HTML 43Page - Analog Devices ADE7978_V01 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 40 of 125
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL
DATA RANGE
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
0x512D40 =
+5,320,000
ZX SIGNAL DATA RANGE
0V
0xFFAED2C0 =
–5,320,000
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
FUNDAMENTAL VOLTAGE RMS
(AFVRMS) CALCULATION
VOLTAGE RMS (AVRMS)
CALCULATION
VAWV WAVEFORM
SAMPLE REGISTER
VOLTAGE PEAK,
OVERVOLTAGE, SAG DETECTION
ZX DETECTION
LPF1
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
V1P
VIN
VM
DIGITAL
LPF
ADE7978
VIN
Figure 54. Phase A to Neutral Voltage Channel Datapath
NVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL
DATA RANGE
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
VOLTAGE RMS (NVRMS)
CALCULATION
VNWV WAVEFORM
SAMPLE REGISTER
REFERENCE
NEUTRAL LINE
ADE7923
Σ-Δ
MODULATOR
V1P
VIN
VM
DIGITAL
LPF
ADE7978
VIN
Figure 55. Auxiliary Voltage Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com