Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 17Page - Analog Devices ADE7978_V01 Datasheet HTML 18Page - Analog Devices ADE7978_V01 Datasheet HTML 19Page - Analog Devices ADE7978_V01 Datasheet HTML 20Page - Analog Devices ADE7978_V01 Datasheet HTML 21Page - Analog Devices ADE7978_V01 Datasheet HTML 22Page - Analog Devices ADE7978_V01 Datasheet HTML 23Page - Analog Devices ADE7978_V01 Datasheet HTML 24Page - Analog Devices ADE7978_V01 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 21 of 125
Pin No.
Mnemonic
Description
18
MISO/HSD
Data Output for the SPI Port/Data Output for the HSDC Port.
19
MOSI/SDA
Data Input for the SPI Port/Data Output for the I2C Port. The default functionality of this pin is SDA.
20
GND
Ground Reference for the Input Circuitry.
21
VDD
Supply Voltage. This pin provides the supply voltage. For specified operation, maintain the supply voltage at
3.3 V ± 10%. Decouple this pin to GND with a 10 µF capacitor in parallel with a ceramic 100 nF capacitor.
22
LDO
1.8 V Output of the Digital Low Dropout (LDO) Regulator. Decouple this pin with a 4.7 µF capacitor in parallel
with a ceramic 100 nF capacitor. Do not connect active external circuitry to this pin.
23
DGND
Ground Reference for the Digital Circuitry.
24
XTALOUT
A crystal with a maximum drive level of 0.5 mW and an equivalent series resistance (ESR) of 20 Ω can be
connected across this pin and the XTALIN pin to provide a clock source for the ADE7978.
25
XTALIN
Master Clock. An external clock can be provided at this logic input. Alternatively, a crystal with a maximum
drive level of 0.5 mW and an ESR of 20 Ω can be connected across XTALIN and XTALOUT to provide a clock
source for the ADE7978. The clock frequency for specified operation is 16.384 MHz. For more information, see
the ADE7978, ADE7933/ADE7932, and ADE7923 Clocks section.
26
ZX/DREADY
Zero-Crossing (ZX) Output Pin. The ZX pin goes high on the positive-going edge of the selected phase voltage
zero crossing; the pin goes low on the negative-going edge of the zero crossing (see the Zero-Crossing
Detection section for more information).
DREADY is an active low signal that is generated approximately 70 ns after Bit 17 (DREADY) in the STATUS0 register
is set to 1. This pin has a frequency of 8 kHz and stays low for 10 µs every period. The default functionality of
this pin is DREADY.
27
VT_A
Selects the second voltage input (V2P) or the temperature measurement on the Phase A ADE7933/ADE7932.
Connect this pin to the V2/TEMP pin of the Phase A ADE7933/ADE7932. If no ADE7933/ADE7932 is used to
sense Phase A, leave this pin unconnected.
28
DATA_A
Receives the bit streams from the Phase A ADE7933/ADE7932. Connect this pin to the DATA pin of the Phase A
ADE7933/ADE7932. If no ADE7933/ADE7932 is used to sense Phase A, connect this pin to VDD.
EP
Exposed Pad. Create a similar pad on the PCB under the exposed pad. Solder the exposed pad to the pad on
the PCB to confer mechanical strength to the package. Connect the pads to DGND and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com