Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 67 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 63Page - Analog Devices ADE7978_V01 Datasheet HTML 64Page - Analog Devices ADE7978_V01 Datasheet HTML 65Page - Analog Devices ADE7978_V01 Datasheet HTML 66Page - Analog Devices ADE7978_V01 Datasheet HTML 67Page - Analog Devices ADE7978_V01 Datasheet HTML 68Page - Analog Devices ADE7978_V01 Datasheet HTML 69Page - Analog Devices ADE7978_V01 Datasheet HTML 70Page - Analog Devices ADE7978_V01 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 67 of 125
APPARENT POWER CALCULATION
Apparent power is defined as the maximum active power that can
be delivered to a load. One way to obtain the apparent power is by
multiplying the voltage rms value by the current rms value (also
called the arithmetic apparent power).
S = V rms × I rms
(41)
where:
S is the apparent power.
V rms and I rms are the rms voltage and current, respectively.
The ADE7978 computes the arithmetic apparent power on each
phase. Figure 89 illustrates the signal processing in each phase for
the calculation of the apparent power in the ADE7978. Because
V rms and I rms contain all harmonic information, the apparent
power computed by the ADE7978 is total apparent power. The
ADE7978 does not compute fundamental apparent power.
The ADE7978 stores the instantaneous phase apparent powers
in the AVA, BVA, and CVA registers (Address 0xE51E to
Address 0xE520). The equation for apparent power is
4
2
1
×
×
×
=
PMAX
I
I
V
V
xVA
FS
FS
(42)
where:
V and I are the rms values of the phase voltage and current.
VFS and IFS are the rms values of the phase voltage and current
when the ADC inputs are at full scale.
PMAX = 26,991,271, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVA[23:0] waveform registers can be accessed using
any of the serial port interfaces. For more information, see
the Waveform Sampling Mode section.
The ADE7978 can also compute the apparent power by multi-
plying the phase rms current by an rms voltage that is introduced
externally. For more information, see the Apparent Power
Calculation Using VNOM section.
APPARENT POWER GAIN CALIBRATION
The average apparent power in each phase can be scaled by ±100%
by writing to the appropriate 24-bit phase gain registers: APGAIN,
BPGAIN, or CPGAIN (Address 0x4399 to Address 0x439B). The
same registers are used to compensate the other powers computed
by the ADE7978. For more information about these registers, see
the Active Power Gain Calibration section.
APPARENT POWER OFFSET CALIBRATION
Each rms measurement includes an offset compensation register
to calibrate and eliminate the dc component in the rms value (see
the Root Mean Square Measurement section). The voltage and
current rms values are multiplied together in the apparent power
signal processing. Because no additional offsets are created in the
multiplication of the rms values, there is no specific offset
compensation for the apparent power signal processing. The offset
compensation of the apparent power measurement in each phase
is accomplished by calibrating each individual rms measurement.
APPARENT POWER CALCULATION USING VNOM
The ADE7978 can compute the apparent power by multiplying
the phase rms current by an rms voltage introduced externally
in the 24-bit signed VNOM register (Address 0xE533).
When one of Bits[13:11] (VNOMCEN, VNOMBEN, or
VNOMAEN) in the COMPMODE register (Address 0xE60E) is
set to 1, the apparent power in the specified phase (Phase x for
VNOMxEN) is computed in this way. When the VNOMxEN
bits are cleared to 0 (the default value), the arithmetic apparent
power is computed.
The VNOM register value can be calculated as follows:
VNOM = V/VFS × 3,761,808
(43)
where:
V is the nominal phase rms voltage.
VFS is the rms value of the phase voltage when the ADC inputs
are at full scale.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
SAGLVL register, the VNOM register is transmitted as a 32-bit
register with the eight MSBs padded with 0s (see Figure 69).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com