Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 8Page - Analog Devices ADE7978_V01 Datasheet HTML 9Page - Analog Devices ADE7978_V01 Datasheet HTML 10Page - Analog Devices ADE7978_V01 Datasheet HTML 11Page - Analog Devices ADE7978_V01 Datasheet HTML 12Page - Analog Devices ADE7978_V01 Datasheet HTML 13Page - Analog Devices ADE7978_V01 Datasheet HTML 14Page - Analog Devices ADE7978_V01 Datasheet HTML 15Page - Analog Devices ADE7978_V01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 12 of 125
SPI Interface Timing Parameters
VDD = 3.3 V ± 10%, GND = DGND = 0 V, XTALIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C.
Table 4.
Parameter
Symbol
Min
Max
Unit
SS to SCLK Edge
t
SS
50
ns
SCLK Period
0.4
40001
µs
SCLK Low Pulse Width
t
SL
175
ns
SCLK High Pulse Width
t
SH
175
ns
Data Output Valid After SCLK Edge
t
DAV
130
ns
Data Input Setup Time Before SCLK Edge
t
DSU
100
ns
Data Input Hold Time After SCLK Edge
t
DHD
50
ns
Data Output Fall Time
t
DF
20
ns
Data Output Rise Time
t
DR
20
ns
SCLK Rise Time
t
SR
20
ns
SCLK Fall Time
t
SF
20
ns
MISO Disable After SS Rising Edge
t
DIS
1
µs
SS High After SCLK Edge
t
SFS
100
ns
1 Guaranteed by design.
MSB
LSB
LSB IN
INTERMEDIATE BITS
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDHD
tDAV
tDSU
tSR
tSF
tDR
MSB IN
MOSI
MISO
SCLK
SS
Figure 7. SPI Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com