Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 9Page - Analog Devices ADE7978_V01 Datasheet HTML 10Page - Analog Devices ADE7978_V01 Datasheet HTML 11Page - Analog Devices ADE7978_V01 Datasheet HTML 12Page - Analog Devices ADE7978_V01 Datasheet HTML 13Page - Analog Devices ADE7978_V01 Datasheet HTML 14Page - Analog Devices ADE7978_V01 Datasheet HTML 15Page - Analog Devices ADE7978_V01 Datasheet HTML 16Page - Analog Devices ADE7978_V01 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 13 of 125
HSDC Interface Timing Parameters
VDD = 3.3 V ± 10%, GND = DGND = 0 V, XTALIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C.
Table 5.
Parameter
Symbol
Min
Max
Unit
HSA to HSCLK Edge
t
SS
0
ns
HSCLK Period
125
ns
HSCLK Low Pulse Width
t
SL
50
ns
HSCLK High Pulse Width
t
SH
50
ns
Data Output Valid After HSCLK Edge
t
DAV
40
ns
Data Output Fall Time
t
DF
20
ns
Data Output Rise Time
t
DR
20
ns
HSCLK Rise Time
t
SR
10
ns
HSCLK Fall Time
t
SF
10
ns
HSD Disable After HSA Rising Edge
t
DIS
5
ns
HSA High After HSCLK Edge
t
SFS
0
ns
MSB
LSB
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDAV
tSR
tSF
tDR
HSD
HSCLK
HSA
Figure 8. HSDC Interface Timing
2mA
IOL
800µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 9. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com