Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT8545 Datasheet(PDF) 3 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 3 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIT8545
Aug. 2002
- 3 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
13.5
V
Power Dissipation
Pd
0.3
W
Operating Temperature
Topr
-25 ~ +85
O
C
Storage Temperature
Tstg
-55 ~ 150
O
C
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
3~13.5
V
Oscillator Frequency
fosc
40~250
kHz
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ Operating Current Specifications]
On State Supply Current
Icc(on)
ON/OFF=2V
-
3.5
6
mA
Off State Supply Current
Icc(off)
ON/OFF=0V
-
350
600
uA
Average Operating Current
Iop
CT=470pF
-
4
7
mA
On State Start-up Current
Ist(on)
VCC=VthH - 0.3V
ON/OFF=2V
-
250
400
uA
Off State Start-up Current
Ist(off)
VCC=VthH - 0.3V
ON/OFF=0V
-
200
400
uA
[ Voltage Controlled Oscillator ]
RT Voltage
Vref
1.235
1.260
1.285
V
RT Voltage Line Regulation
Vline
VCC=5V ->12V
-20
2
20
mV
RT Voltage Load Regulation
Vload
Io=100uA~1mA
-20
2
20
mV
RT Terminal Maximum Current
IRTmax
RT=0V
-
7
16
mA
(Ta = 25OC, VCC=5V, RT=13.8K CT=1.5V, PROT=0V unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com