Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT8545 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 1 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIT8545
Aug. 2002
- 1 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
DIT8545 is an advanced LCD backlight inverter con-
trol IC based on the piezo-ceramic transformer. The
new control scheme employing the variable fr e-
quency and duty control achieves the very high effi-
ciency over 90%. In this control scheme, the soft
start and zero voltage switching functions are aut o-
matically obtained. DIT8545 can realize the CCFL
backlight inverter with small size and low cost.
- Soft start function
- Programmable Operating Frequency
- Analog Dimming Control Function
- Burst Dimming Control
- ON/OFF Control Function
- Open Lamp Protection
- 10SSOP Package
Device
Package
Operating Temp
DIT8545
10SSOP-225
-25OC ~ +85OC
DESCRIPTIONS
BLOCK DIAGRAM
ORDER INFORMATION
FEATURES
Bias
Generator
UVLO
Bandgap
Reference
10
9
8
7
6
1
2
3
4
5
Latch
VCC
OUT
GND
ON/OFF
PROT
TONCTL
EO
EI
RT
CT
TONCT
L
RT
CT
VFVCO
Driver


Similar Part No. - DIT8545

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DIT050N06 DIOTEC-DIT050N06 Datasheet
267Kb / 4P
N-Channel Power MOSFET N-Kanal Leistungs-MOSFET
2020-01-27
DIT090N06 DIOTEC-DIT090N06 Datasheet
713Kb / 5P
N-Channel Power MOSFET N-Kanal Leistungs-MOSFET
2024-01-24
DIT100N10 DIOTEC-DIT100N10 Datasheet
862Kb / 5P
N-Channel Power MOSFET N-Kanal Leistungs-MOSFET
2023-10-27
DIT120N08 DIOTEC-DIT120N08 Datasheet
979Kb / 5P
N-Channel Power MOSFET N-Kanal Leistungs-MOSFET
2023-08-17
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
More results

Similar Description - DIT8545

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4877 MICRO-LINEAR-ML4877 Datasheet
289Kb / 11P
LCD Desktop Backlight Lamp Driver
logo
Hitachi Semiconductor
INVC444 HITACHI-INVC444 Datasheet
97Kb / 1P
BACKLIGHT FOR LCD
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
16 channel high precision LED driver for LCD backlight
logo
Allegro MicroSystems
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
LED Backlight Driver for LCD Monitors and Televisions
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
Simple Structure Constant Current Backlight Driver for LCD panels
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com