Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT8545 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 5 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIT8545
Aug. 2002
- 5 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ Output Driver Section ]
Output High Voltage 1
Voh1
VCC = 3V, Io = 1uA
2.0
2.4
2.8
V
Output High Voltage 2
Voh2
VCC = 5V, Io = 1uA
3.5
4.5
5.5
V
Output High Voltage 3
Voh3
VCC = 8V, Io = 20mA
2.5
3.3
4.2
V
Output Low Voltage 1
Vol1
VCC = 3V, Io = 100uA
-
0.1
0.4
V
Output Low Voltage 2
Vol2
VCC=5V, Io = 1mA
-
0.2
0.4
V
Output Voltage with UVLO
Activated
Vouv
VCC=2V
0
0.2
0.4
V
Output Source Current
Io(source)
20
mA
Output Sink Current
Io(sink)
20
mA
ELECTRICAL CHARACTERISTICS
(Ta = 25OC, VCC=5V, RT=13.8K, CT=1.5V, PROT=0V unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com