Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT8545 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 4 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIT8545
Aug. 2002
- 4 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency
Fosc
CT=470pF
120
135
150
kHz
Frequency Change With
Supply Voltage
Dfosc
VCC=5V to 12V
-
0.3
1.5
%/V
Minimum Duty Ratio
Dmin
TONCTL = 0V
10
20
30
%
Maximum Duty Ratio
Dmax
TONCTL = 3V
55
65
75
%
TONCTL Input Bias Current
Ib(TON)
TONCTL = 0V
-
-0.1
-1
uA
[ UVLO Section ]
Upper Threshold Voltage
VthH
VCC Variation
2.6
2.8
2.95
V
Lower Threshold Voltage
VthL
VCC Variation
2.4
2.6
2.8
V
UVLO Hysteresis Voltage
Vhys
VCC Variation
0.1
0.2
0.4
V
[ ON/OFF Section ]
ON/OFF Logic High Voltage
Von/off
-
1
1.3
1.8
V
ON/OFF Input Bias Current
Ib(on/off)
ON/OFF=2V
5
20
50
uA
[ Error Amplifier Section]
Erramp Input Bias Current
Ib(EI)
-0.1
-1
uA
Inverting Reference Voltage
Vfb
1.220
1.260
1.300
V
Erramp Output Source Cur-
rent
Isource
3
10
30
mA
Erramp Output Sink Current
Isink
5
15
40
mA
Erramp Output High Voltage
Vhigh
3.2
4.2
4.5
V
Erramp Output Low Voltage
Vlow
-
0.1
0.4
V
[ Open Lamp Protection Section ]
Protection Input Bias Cur-
rent
Iprot
PROT=1.5V
-
1
40
uA
Protection Input Voltage
Vprot
-
1
1.35
1.60
V
ELECTRICAL CHARACTERISTICS
(Ta = 25OC, VCC=5V, RT=13.8K CT=1.5V, PROT=0V unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com