Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT8545 Datasheet(PDF) 7 Page - Interpion semiconductor

Part # DIT8545
Description  Ceratrans Driver for LCD Backlight
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

DIT8545 Datasheet(HTML) 7 Page - Interpion semiconductor

  DIT8545 Datasheet HTML 1Page - Interpion semiconductor DIT8545 Datasheet HTML 2Page - Interpion semiconductor DIT8545 Datasheet HTML 3Page - Interpion semiconductor DIT8545 Datasheet HTML 4Page - Interpion semiconductor DIT8545 Datasheet HTML 5Page - Interpion semiconductor DIT8545 Datasheet HTML 6Page - Interpion semiconductor DIT8545 Datasheet HTML 7Page - Interpion semiconductor DIT8545 Datasheet HTML 8Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIT8545
Aug. 2002
- 7 -
WWW.INTERPIONSEMI.COM
Ceratrans Driver for LCD Backlight
ELECTRICAL DIAGRAMS
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
CT=470p
RT=13.8Kohm
Duty(%)
VTCTRL vs DUTY
VTCTRL(V)
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
120
140
160
180
200
CT=470p
RT=13.8Kohm
VTCTRL vs Frequency
VTCTRL(V)
Frequency(kHz)
Fig.1 : VTCTRL vs. DUTY
Fig.2 : VTCTRL vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com