Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9371BBCZ Datasheet HTML 1Page - Analog Devices AD9371BBCZ Datasheet HTML 2Page - Analog Devices AD9371BBCZ Datasheet HTML 3Page - Analog Devices AD9371BBCZ Datasheet HTML 4Page - Analog Devices AD9371BBCZ Datasheet HTML 5Page - Analog Devices AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 3 of 57
SPECIFICATIONS
Electrical characteristics at ambient temperature range, VDDA_SER = 1.3 V, VDDA_DES = 1.3 V, JESD_VTT_DES = 1.3 V, VDDA_1P31 =
1.3 V, VDIG = 1.3 V, VDDA_1P8 = 1.8 V, VDD_IF = 2.5 V, and VDDA_3P3 = 3.3 V; all RF specifications based on measurements that
include printed circuit board (PCB) and matching circuit losses, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
TRANSMITTERS (Tx)
Center Frequency
300
6000
MHz
Tx Large Signal Bandwidth (BW)
100
MHz
Tx Synthesis BW2
250
MHz
Wider bandwidth for use in
digital processing algorithms
BW Flatness
±0.5
dB
250 MHz BW, compensated
by programmable finite
infinite response (FIR) filter
±0.15
dB
Any 20 MHz BW span,
compensated by
programmable FIR filter
Deviation from Linear Phase
10
Degrees
250 MHz BW
Power Control Range
0
42
dB
Increased calibration time,
reduced QEC3, LOL4
performance beyond 20 dB
Power Control Resolution
0.05
dB
ACLR5 (Four Universal Mobile
Telecommunications System
(UMTS) Carriers)
−11.2 dBFS rms, 0 dB RF
attenuation
700 MHz Local Oscillator (LO)
−64
dB
2600 MHz LO
−64
dB
3500 MHz LO
−63
dB
5500 MHz LO
−61
dB
In-Band Noise
−155
dBFS6/Hz
Tx to Tx Isolation
700 MHz LO
70
dB
2600 MHz LO
65
dB
3500 MHz LO
65
dB
5500 MHz LO
65
dB
Image Rejection
Up to 20 dB RF attenuation,
within large signal BW,
QEC3 active
700 MHz LO
65
dB
2600 MHz LO
65
dB
3500 MHz LO
65
dB
5500 MHz LO
50
dB
Maximum Output Power
0 dBFS, 1 MHz signal input,
50 Ω load, 0 dB RF attenuation
700 MHz LO
7
dBm
2600 MHz LO
7
dBm
3500 MHz LO
6
dBm
5500 MHz LO
4
dBm
Output Third-Order Intercept Point
OIP3
−5 dBFS rms, 0 dB RF
attenuation
700 MHz LO
27
dBm
2600 MHz LO
27
dBm
3500 MHz LO
25
dBm
5500 MHz LO
25
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com