Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9371BBCZ Datasheet HTML 1Page - Analog Devices AD9371BBCZ Datasheet HTML 2Page - Analog Devices AD9371BBCZ Datasheet HTML 3Page - Analog Devices AD9371BBCZ Datasheet HTML 4Page - Analog Devices AD9371BBCZ Datasheet HTML 5Page - Analog Devices AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
AD9371
Data Sheet
Rev. B | Page 4 of 57
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Carrier Leakage
After calibration, LOL
correction active, CW7 input
signal, 3 dB RF and 3 dB digital
attenuation, 40 kHz
measurement BW
700 MHz LO
−81
dBFS6
2600 MHz LO
−81
dBFS6
3500 MHz LO
−81
dBFS6
5500 MHz LO
−75
dBFS6
Error Vector Magnitude (3GPP
Test Signals)
EVM
Long-term evolution (LTE)
20 MHz downlink,
5 dB RF attenuation
700 MHz LO
−45
dB
2600 MHz LO
−39
dB
3500 MHz LO
−38.5
dB
5500 MHz LO
−37.5
dB
Output Impedance
50
Ω
Differential
RECEIVERS (Rx)
Center Frequency
300
6000
MHz
Gain Range
0
30
dB
Analog Gain Step
0.5
dB
BW Ripple
±0.5
dB
100 MHz BW, compensated
by programmable FIR filter
±0.2
dB
Any 20 MHz span,
compensated by
programmable FIR filter
Rx Bandwidth
8
100
MHz
Analog low-pass filter (LPF)
BW is 20 MHz minimum,
programmable FIR BW
configurable over the entire
range
Rx Alias Band Rejection
75
dB
Due to digital filters
Maximum Recommended Input
Power8
−14
dBm
Input is a CW7 signal at a 0 dB
attenuation setting; this level
increases decibel for decibel
with attenuation
Noise Figure
NF
Maximum Rx gain, at
Rx port, matching losses
de-embedded
700 MHz LO
12
dB
2600 MHz LO
13.5
dB
3500 MHz LO
14
dB
5500 MHz LO
18
dB
Input Third-Order Intercept Point
IIP3
Maximum Rx gain, third-
order intermodulation (IM3)
1 MHz offset from LO
700 MHz LO
22
dBm
2600 MHz LO
22
dBm
3500 MHz LO
20
dBm
5500 MHz LO
20
dBm
Input Second-Order Intercept
Point
IIP2
Maximum Rx gain, second-
order intermodulation (IM2)
1 MHz offset from LO
700 MHz LO
65
dBm
2600 MHz LO
65
dBm
3500 MHz LO
65
dBm
5500 MHz LO
57
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com