Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices AD9371BBCZ Datasheet HTML 49Page - Analog Devices AD9371BBCZ Datasheet HTML 50Page - Analog Devices AD9371BBCZ Datasheet HTML 51Page - Analog Devices AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 49 of 57
–40
–100
020
RF ATTENUATION (dB)
–90
–70
–80
–60
–50
510
15
+110°C
+40°C
–40°C
Figure 200. Transmitter LO Leakage vs. RF Attenuation, 5600 MHz LO,
External Transmitter QEC, and LO Leakage Tracking Active, CW Signal
10 MHz Offset from LO, 6 dB Digital Backoff, 1 MHz Measurement Bandwidth
–60
–100
–40
40
OFFSET FREQUENCY (MHz)
–90
–75
–80
–95
–85
–70
–65
–20
0
20
30
–30
–10
10
5.9GHz, +110°C
5.9GHz, +40°C
5.9GHz, –40°C
5.6GHz, +110°C
5.6GHz, +40°C
5.6GHz, –40°C
5.3GHz, +110°C
5.3GHz, +40°C
5.3GHz, –40°C
Figure 201. Transmitter LO Leakage vs. Offset Frequency,
External Transmitter QEC and LO Leakage Tracking Active,
6 dB Digital Backoff, 1 MHz Measurement Bandwidth
0
–100
5300
5900
RECEIVER LO FREQUENCY (MHz)
–90
–70
–50
–30
–10
–80
–60
–40
–20
5400
5500
5600
5700
5800
Figure 202. Tx1 to Rx1 Crosstalk vs. Receiver LO Frequency, 100 MHz Receiver RF
Bandwidth, 75 MHz Transmitter RF Bandwidth, CW Signal 3 MHz Offset from LO
0
–100
5300
5900
RECEIVER LO FREQUENCY (MHz)
–90
–70
–50
–30
–10
–80
–60
–40
–20
5400
5500
5600
5700
5800
Figure 203. Tx2 to Rx2 Crosstalk vs. Receiver LO Frequency,
100 MHz Receiver RF Bandwidth, 75 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
–110
–100
5300
5900
TRANSMITTER LO FREQUENCY (MHz)
–90
–70
–50
–30
–10
–80
–60
–40
–20
5400
5500
5600
5700
5800
Figure 204. Tx2 to Tx1 Crosstalk vs. Transmitter LO Frequency,
75 MHz RF Bandwidth, CW Signal 3 MHz Offset from LO
–80
–180
020
RF ATTENUATION (dB)
–170
–140
–160
–120
–100
–130
–150
–110
–90
510
15
+110°C
+40°C
–40°C
Figure 205. Transmitter Noise vs. RF Attenuation, 5600 MHz LO,
1 MHz Offset Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com