Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9371BBCZ Datasheet HTML 1Page - Analog Devices AD9371BBCZ Datasheet HTML 2Page - Analog Devices AD9371BBCZ Datasheet HTML 3Page - Analog Devices AD9371BBCZ Datasheet HTML 4Page - Analog Devices AD9371BBCZ Datasheet HTML 5Page - Analog Devices AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 5 of 57
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Image Rejection
QEC3 active, within Rx BW
700 MHz LO
75
dB
2600 MHz LO
75
dB
3500 MHz LO
75
dB
5500 MHz LO
75
dB
Input Impedance
200
Ω
Differential
Tx1 to Rx1 Signal Isolation and
Tx2 to Rx2 Signal Isolation
700 MHz LO
68
dB
2600 MHz LO
68
dB
3500 MHz LO
62
dB
5500 MHz LO
60
dB
Tx1 to Rx2 Signal Isolation and
Tx2 to Rx1 Signal Isolation
700 MHz LO
70
dB
2600 MHz LO
70
dB
3500 MHz LO
62
dB
5500 MHz LO
60
dB
Rx1 to Rx2 Signal Isolation
700 MHz LO
60
dB
2600 MHz LO
60
dB
3500 MHz LO
60
dB
5500 MHz LO
60
dB
Rx Band Spurs Referenced to
RF Input at Maximum Gain
−95
dBm
No more than one spur at
this level per 10 MHz of Rx
BW; excludes harmonics of
the reference clock
Rx LO Leakage at Rx Input at
Maximum Gain
Leakage decreases decibel
for decibel with attenuation
for first 12 dB
700 MHz LO
−65
dBm
2600 MHz LO
−65
dBm
3500 MHz LO
−62
dBm
5500 MHz LO
−62
dBm
OBSERVATION RECEIVER (ORx)
Center Frequency
300
6000
MHz
Gain Range
0
18
dB
Analog Gain Step
1
dB
BW Ripple
±0.5
dB
250 MHz RF BW, compensated
by programmable FIR filter
Deviation from Linear Phase
10
Degrees
250 MHz RF BW
ORx Bandwidth
250
MHz
ORx Alias Band Rejection
60
dB
Due to digital filters
Maximum Recommended Input
Power8
−13
dBm
Input is a CW7 signal at 0 dB
attenuation setting; this level
increases decibel for decibel
with attenuation
Signal-to-Noise Ratio9
SNR
Maximum gain at ORx port
700 MHz LO
60
dB
2600 MHz LO
60
dB
3500 MHz LO
60
dB
5500 MHz LO
59
dB
200 MHz BW, 245.76 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com