Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9371BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices AD9371BBCZ Datasheet HTML 40Page - Analog Devices AD9371BBCZ Datasheet HTML 41Page - Analog Devices AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Data Sheet
AD9371
Rev. B | Page 39 of 57
FREQUENCY (MHz)
–10
–8
–6
–4
–2
0
2
4
6
8
10
3300
3400
3500
3600
3700
3800
+110°C
+40°C
–40°C
Figure 141. Tx Output Power, Transmitter QEC and
External LO Leakage Active, 5 MHz CW Offset Signal,
1 MHz Resolution Bandwidth, 307.2 MSPS Sample Rate
0
5
10
15
20
RF ATTENUATION (dB)
–95
–90
–85
–80
–75
–70
–65
–60
–100
+110°C
+40°C
–40°C
Figure 142. Transmitter LO Leakage vs. RF Attenuation, 3550 MHz LO,
Transmitter QEC and External LO Leakage Tracking Active, CW Signal 10 MHz
Offset from LO, 6 dB Digital Backoff, 1 MHz Measurement Bandwidth
(If Input Power to ORx Channel Is Not Held Constant,
Performance Degrades as Shown in This Plot)
OFFSET FREQUENCY (MHz)
3.3GHz, +110°C
3.3GHz, +40°C
3.3GHz, –40°C
3.55GHz, +110°C
3.55GHz, +40°C
3.55GHz, –40°C
3.8GHz, +110°C
3.8GHz, +40°C
3.8GHz, –40°C
–30
–20
–10
0
10
20
30
Figure 143. Transmitter LO Leakage vs. Offset Frequency,
Transmitter QEC and External LO Leakage Tracking Active,
6 dB Digital Backoff, 1 MHz Measurement Bandwidth
RECEIVER LO FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3300
3400
3500
3600
3700
3800
Figure 144. Tx1 to Rx1 Crosstalk vs. Receiver LO Frequency,
100 MHz Receiver RF Bandwidth, 100 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
0
–100
3300
3400
3500
3600
3700
3800
RECEIVER LO FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 145. Tx2 to Rx2 Crosstalk vs. Receiver LO Frequency,
100 MHz Receiver RF Bandwidth, 100 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
0
–100
3300
3800
TRANSMITTER LO FREQUENCY (MHz)
3400
3500
3600
3700
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 146. Tx2 to Tx1 Crosstalk vs. Transmitter LO Frequency,
100 MHz RF Bandwidth, CW Signal 3 MHz Offset from LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com