Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6543HT-IGTR/F Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 58Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 59Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 65Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Maxim Integrated │ 62
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
Meter Calibration
Once the 71M654xT energy meter device has been
installed in a meter system, it must be calibrated. A com-
plete calibration includes:
• Establishment of the reference temperature (typically
22°C).
• Calibration of the metrology section: calibration for toler-
ances of the current sensors, voltage dividers and sig-
nal conditioning components as well as of the internal
reference voltage (VREF) at the reference temperature.
The metrology section can be calibrated using the gain
and phase adjustment factors accessible to the CE. The
gain adjustment is used to compensate for tolerances of
components used for signal conditioning, especially the
resistive components. Phase adjustment is provided to
compensate for phase shifts introduced by the current
sensors or by the effects of reactive power supplies.
Due to the flexibility of the MPU firmware, any calibration
method, such as calibration based on energy, or current
and voltage can be implemented. It is also possible to
implement segment-wise calibration (depending on cur-
rent range).
The 71M6543FT/HT/GT/GHT support common industry
standard calibration techniques, such as single-point
(energy-only), multipoint (energy, VRMS, IRMS), and auto-
calibration.
Contact Maxim Integrated to obtain a copy of the latest
calibration spreadsheet file for the 71M654xT.
Firmware Interface
Overview: Functional Order
The I/O RAM locations at addresses 0x2000 to 0x20FF
have sequential addresses to facilitate reading by the
MPU. These I/O RAM locations are usually modified only
atpower-up.Theseaddressesareanalternativesequen-
tial address to subsequent addresses (above 0x2100).
For instance, EQU[2:0] can be accessed at I/O RAM
0x2000[7:5] or at I/O RAM 0x2106[7:5].
Unimplemented (U) and reserved (R) bits are shaded in
light gray. Unimplemented bits are identified with a ‘U’.
Unimplemented bits have no memory storage, writing
them has no effect, and reading them always returns zero.
Reserved bits are identified with an ‘R’, and must always be
written with a zero. Writing values other than zero to reserved
bits may have undesirable side effects and must be avoided.
Nonvolatile bits are shaded in dark gray. Nonvolatile bits
are backed up during power failures if the system includes
a battery connected to the VBAT pin.
I/O RAM Map: Details
Writable bits are written by the MPU into configuration
RAM. Typically, they are initially stored in flash memory
and copied to the configuration RAM by the MPU. Some
ofthemorefrequentlyprogrammedbitsaremappedtothe
MPU SFR memory space. The remaining bits are mapped
to the address space 0x2XXX. The RST and WK columns
describe the bit values upon reset and wake, respectively.
No entry in one of these columns means the bit is either
read-only or is powered by the NV supply and is not initial-
ized. Write-only bits return zero when they are read.
Locations that are shaded in grey are nonvolatile (i.e.,
battery-backed).
NAME
LOCATION RSTWK DIR
DESCRIPTION
WF_DIO55
28B1[0]
0
– R DIO55wakeflagbit.IfDIO55isconfiguredtowakethepart,thisbitissetwheneverthede-bouncedversionof
DIO55rises.ItisheldinresetifDI055isnotconfiguredforwakeup.
WF_TEMP
28B1[6]
0
– R Indicates that the temperature range check hardware caused the part to wake up.
WAKE_ARM
28B2[5]
0
– R/W Arms the WAKE timer and loads it with WAKE_TMR[7:0]. When SLEEP or LCD_ONLY is asserted by the MPU, the
WAKE timer becomes active.
WF_PB
28B1[3]
–
– R Indicates that the PB caused the part to wake.
WF_RX
28B1[4]
0
– R Indicates that RX caused the part to wake.
WF_CSTART
WF_RST
WF_RSTBIT
WF_OVF
WF_ERST
WF_BADVDD
28B0[7]
28B0[6]
28B0[5]
28B0[4]
28B0[3]
28B0[2]
0
1
0
0
0
0
– R Indicates that the Reset pin, Reset bit, ERST pin, Watchdog timer, the cold start detector, or bad VBAT caused the
part to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com