Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6543HT-IGTR/F Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 26Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 27Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 28Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 29Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 30Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 31Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 32Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 33Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
Maxim Integrated │ 30
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 8. Generic 80515 SFRs: Location and Reset Values
NAME
ADDRESS
RESET VALUE
DESCRIPTION
P0
0x80
0xFF
Port 0
SP
0x81
0x07
Stack Pointer
DPL
0x82
0x00
Data Pointer Low 0
DPH
0x83
0x00
Data Pointer High 0
DPL1
0x84
0x00
Data Pointer Low 1
DPH1
0x85
0x00
Data Pointer High 1
PCON
0x87
0x00
UART Speed Control
TCON
0x88
0x00
Timer/Counter Control
TMOD
0x89
0x00
Timer Mode Control
TL0
0x8A
0x00
Timer 0, low byte
TL1
0x8B
0x00
Timer 1, high byte
TH0
0x8C
0x00
Timer 0, low byte
TH1
0x8D
0x00
Timer 1, high byte
CKCON
0x8E
0x01
Clock Control (Stretch = 1)
P1
0x90
0xFF
Port 1
DPS
0x92
0x00
Data Pointer select Register
S0CON
0x98
0x00
Serial Port 0, Control Register
S0BUF
0x99
0x00
Serial Port 0, Data Buffer
IEN2
0x9A
0x00
Interrupt Enable Register 2
S1CON
0x9B
0x00
Serial Port 1, Control Register
S1BUF
0x9C
0x00
Serial Port 1, Data Buffer
S1RELL
0x9D
0x00
Serial Port 1, Reload Register, low byte
P2
0xA0
0xFF
Port 2
IEN0
0xA8
0x00
Interrupt Enable Register 0
IP0
0xA9
0x00
Interrupt Priority Register 0
S0RELL
0xAA
0xD9
Serial Port 0, Reload Register, low byte
P3
0xB0
0xFF
Port 3
IEN1
0xB8
0x00
Interrupt Enable Register 1
IP1
0xB9
0x00
Interrupt Priority Register 1
S0RELH
0xBA
0x03
Serial Port 0, Reload Register, high byte
S1RELH
0xBB
0x03
Serial Port 1, Reload Register, high byte
PDATA
0xBF
0x00
High address byte for MOVX@Ri - also called USR2
IRCON
0xC0
0x00
InterruptRequestControlRegister
T2CON
0xC8
0x00
Polarity for INT2 and INT3
PSW
0xD0
0x00
Program Status Word
WDCON
0xD8
0x00
Baud Rate Control Register (only WDCON[7] bit used)
A
0xE0
0x00
Accumulator
B
0xF0
0x00
B Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com