Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6543HT-IGTR/F Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 42Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 43Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 44Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 45Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 46Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 47Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 48Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 49Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Maxim Integrated │ 46
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Applications Information
Connecting 5V Devices
All digital input pins of the 71M654xT are compatible with
external 5V devices. I/O pins configured as inputs do not
requirecurrent-limitingresistorswhentheyareconnected
to external 5V devices.
Direct Connection of Sensors
The 71M654xT supports direct connection of current
transformer and shunt-fed sensors.
Using the 71M6543FT/HT/GT/GHT
with Local Sensors
The 71M6543FT/HT/GT/GHT can be configured to oper-
ate with locally connected current sensors. All current
inputs are connected to a current transformer (CT) and are
therefore isolated. This configuration implements a poly-
phase measurement with tamper-detection using one
current sensor to measure the neutral current. For best
performance, all current sensor inputs are configured for
differential mode.
Using the 71M6543FT/HT/GT/GHT
with Remote Sensors
The 71M6543FT/HT/GT/GHT can be configured to oper-
ate with 71M6x03 remote sensor interfaces and current
shunts. This configuration implements a polyphase mea-
surement with tamper-detection. For best performance,
the IADC0-IADC1 current sensor input is configured
for differential mode (DIFFA_E = 1). The outputs of the
71M6x03 isolated sensor interface are routed through
a pulse transformer, which is connected to the current
input pins (IADC2-IADC7). The current input pins (IADC2-
IADC7) must be configured for remote sensor communi-
cation (i.e., RMT_E =1).
Metrology Temperature Compensation
Since the VREF bandgap amplifier is chopper-stabilized
the DC offset voltage (the most significant long-term
drift mechanism in bandgap voltage references) is
automatically removed by the chopper circuit. Both the
71M654xT and the 71M6x03 feature chopper circuits
for their respective VREF voltage reference. VREF is
trimmed to a target value of 1.195V during the device
manufacturing process and the result of the trim stored in
nonvolatile fuses.
For the 71M654xT device (Q0.5% energy accuracy),
the TRIMT[7:0] value can be read by the MPU during
initialization in order to calculate parabolic temperature
compensation coefficients suitable for each individual
71M654xT device. The resulting temperature coefficient
for VREF in the 71M654xT is ±40 ppm/°C.
By using the trim information in the TRIMT register and
the sensed temperature, a gain adjustment for the sensor
can be computed. See the 71M6543FT/HT/GT/GHT
User’s Guide for more information about compensating
sensors for temperature variations.
Connecting I2C EEPROMs
I2C EEPROMs or other I2C compatible devices should
be connected to the DIO pins SEGDIO2 and SEGDIO3.
Pullup resistors of roughly 10kΩ to VV3P3D (to ensure
operation in BRN mode) should be used for both SDCK
and SDATA signals. The DIO_EEX[1:0] field in I/O
RAM must be set to 01 in order to convert the DIO pins
SEGDIO2 and SEGDIO3 to I2C pins SDCK and SDATA.
Connecting Three-Wire EEPROMs
MICROWIRE EEPROMs and other compatible devices
should be connected to the DIO pins SEGDIO2/SDCK
and SEGDIO3/SDATA.
UART0
The UART0 RX pin should be pulled down by a 10kΩ
resistor and additionally protected by a 100pF ceramic
capacitor.
Optical Interface
The OPT_TX and OPT_RX pins can be used for a regular
serial interface (by connecting a RS_232 transceiver for
example), or they can be used to directly operate optical
components (for example, an infrared diode and pho-
totransistor implementing a FLAG interface). Figure 16
shows the basic connections for UART1. The OPT_TX
pin becomes active when the I/O RAM control field OPT_
TXE (I/O RAM 0x2456[3:2]) is set to 00.
The polarity of the OPT_TX and OPT_RX pins can be
inverted with the configuration bits, OPT_TXINV and
OPT_RXINV, respectively.
The OPT_TX output may be modulated at 38kHz when
system power is present. Modulation is not available in
BRN mode. The OPT_TXMOD bit enables modulation.
The duty cycle is controlled by OPT_FDC[1:0], which can
select 50%, 25%, 12.5%, and 6.25% duty cycle. A 6.25%
duty cycle means OPT_TX is low for 6.25% of the period.
The OPT_RX pin uses digital signal thresholds. It may
need an analog filter when receiving modulated optical
signals.
With modulation, an optical emitter can be operated at
higher current than nominal, enabling it to increase the
distance along the optical path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com