Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6543HT-IGTR/F Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 9Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 10Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 11Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 12Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 13Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 14Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 15Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 16Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Maxim Integrated │ 13
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Recommended External Components
Note 1: Parameter not tested in production, guaranteed by design to six-sigma.
Note 2: If the capacitor values of CXS = 15pF and CXL = 10pF have already been installed, then changing the CXL value to 33pF
and leaving CXS = 15pF would minimize rework.
NAME
FROM
TO
FUNCTION
VALUE
UNITS
C1
VV3P3A
GNDA
Bypass capacitor for 3.3V supply
≥0.1±20%
µF
C2
VV3P3D
GNDD
Bypass capacitor for 3.3V output
0.1 ±20%
µF
CSYS
VV3P3SYS
GNDD
Bypass capacitor for VV3P3SYS
≥1.0±30%
µF
CVDD
VDD
GNDD
Bypass capacitor for VDD
0.1 ±20%
µF
CVLCD
VLCD
GNDD
Bypass capacitor for VLCD pin
≥0.1±20%
µF
XTAL
XIN
XOUT
32.768 kHz crystal; electrically similar to ECS
.327-12.5-17X, Vishay XT26T or Suntsu SCP6–
32.768kHz TR (load capacitance 12.5pF)
32.768
kHz
CXS
(Note 2)
XIN
GNDA
Load capacitor values for crystal depend on crystal
specificationsandboardparasitics.Nominal
values are based on 3pF allowance for the sum
of board and chip capacitances.
22 ±10%
pF
CXL
(Note 2)
XOUT
GNDA
22 ±10%
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com