Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6543HT-IGTR/F Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 8Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 9Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 10Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 11Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 12Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 13Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 14Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 15Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Maxim Integrated │ 12
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Electrical Characteristics (continued)
(Limits are production tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaran-
teed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FLASH MEMORY
Endurance
20,000
Cycles
Data Retention
TA = +25°C
100
Years
Byte Writes Between Erase
Operations
2
Cycles
Write Time, per byte
Per 2 bytes if using SPI
50
µs
Page Erase Time
22
ms
Mass Erase Time
22
ms
SPI
Data-to-Clock Setup Time
10
ns
Data Hold Time From Clock
10
ns
Output Delay, Clock to Data
40
ns
CS-to-Clock Setup Time
10
ns
Hold Time, CS to Clock
15
ns
Clock High Period
40
ns
Clock Low Period
40
ns
ClockFrequency(asamultiple
ofCPUfrequency)
2.0
MHz/MHz
Space between SPI
Transactions
4.5
CPU
Cycles
EEPROM INTERFACE
I2CSCLFrequency
MPU clock = 4.9MHz, using interrupts
310
kHz
MPU clock = 4.9MHz, bit-banging DIO2-DIO3
100
3-WireWriteClockFrequency
MPU clock = 4.9MHz, PLL_FAST = 0
160
kHz
MPU clock = 4.9MHz, PLL_FAST = 1
490
RESET
Reset Pulse Width
(Note 1)
5
µs
Reset Pulse Fall Time
(Note 1)
1
µs
INTERNAL CALENDAR
Year Date Range
2000
2255
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com