Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 3 Page - Microchip Technology

Part # VRF2933
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933 Datasheet(HTML) 3 Page - Microchip Technology

  VRF2933 Datasheet HTML 1Page - Microchip Technology VRF2933 Datasheet HTML 2Page - Microchip Technology VRF2933 Datasheet HTML 3Page - Microchip Technology VRF2933 Datasheet HTML 4Page - Microchip Technology VRF2933 Datasheet HTML 5Page - Microchip Technology VRF2933 Datasheet HTML 6Page - Microchip Technology VRF2933 Datasheet HTML 7Page - Microchip Technology VRF2933 Datasheet HTML 8Page - Microchip Technology VRF2933 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Table 1-4. Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input capacitance
VGS = 0 V, VDS = 50 V, f = 1 MHz
740
pF
Coss
Output capacitance
400
Crss
Reverse transfer
capacitance
32
The following table shows the functional characteristics of the VRF2933(MP) device. TC = 25 °C unless otherwise
specified.
Table 1-5. Functional Characteristics
Parameter Characteristics
Test Conditions
Min
Typ
Max
Unit
GPS
Common source amplifier
power gain
f1 = 30 MHz, VDD = 50 V, IDQ = 250
mA, Pout = 300 W
20
25
dB
η
Drain efficiency
f1 = 30 MHz, VDD = 50 V, IDQ = 250
mA, Pout = 300 W CW
50
%
Ψ
Electrical ruggedness
VSWR 5:1
f1 = 30 MHz, VDD = 50 V, IDQ = 250
mA, Pout = 300 W CW
70:1 VSWR — all phase angles,
0.2 ms × 20% duty factor
No degradation in output power
1.3
Typical Performance Curves
This section shows the typical performance curves of the VRF2933(MP) device.
Figure 1-1. Output Characteristics
Figure 1-2. Transfer Characteristics
VRF2933, VRF2933MP
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com