Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 1 Page - Microchip Technology

Part # VRF2933
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933 Datasheet(HTML) 1 Page - Microchip Technology

  VRF2933 Datasheet HTML 1Page - Microchip Technology VRF2933 Datasheet HTML 2Page - Microchip Technology VRF2933 Datasheet HTML 3Page - Microchip Technology VRF2933 Datasheet HTML 4Page - Microchip Technology VRF2933 Datasheet HTML 5Page - Microchip Technology VRF2933 Datasheet HTML 6Page - Microchip Technology VRF2933 Datasheet HTML 7Page - Microchip Technology VRF2933 Datasheet HTML 8Page - Microchip Technology VRF2933 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VRF2933, VRF2933MP
50 V, 300 W, 150 MHz RF Power MOSFET
Product Overview
The VRF2933(MP) is a gold-metallized silicon n-channel RF power transistor designed for broadband commercial
and military applications requiring high power and gain without compromising reliability, ruggedness, or inter-
modulation distortion. Adding MP at the end of part number specifies a matched pair where VGS(TH) is matched
between the two parts.
Features
• Improved ruggedness V(BR)DSS = 170 V
• 300 W with 22 dB typical gain at 30 MHz, 50 V
• Excellent stability and low IMD
• Common source configuration
• Available in matched pairs (VRF2933MP)
• 70:1 load VSWR capability at specified operating conditions
• Nitride passivated
• Refractory gold metallization
• High voltage replacement for SD2933
• Thermally enhanced package
• RoHS compliant
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 1


Similar Part No. - VRF2933

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VRF2933 MICROSEMI-VRF2933 Datasheet
114Kb / 4P
RF POWER VERTICAL MOSFET
VRF2933 MICROSEMI-VRF2933 Datasheet
124Kb / 5P
RF POWER VERTICAL MOSFET
VRF2933MP MICROSEMI-VRF2933MP Datasheet
124Kb / 5P
RF POWER VERTICAL MOSFET
VRF2933 MICROSEMI-VRF2933_10 Datasheet
124Kb / 5P
RF POWER VERTICAL MOSFET
More results

Similar Description - VRF2933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
M/A-COM Technology Solu...
MRF151 MA-COM-MRF151 Datasheet
350Kb / 8P
RF Power Field-Effect Transistor 150 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
logo
Infineon Technologies A...
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Microchip Technology
ARF476FL MICROCHIP-ARF476FL Datasheet
457Kb / 14P
500 V, 900 W, 128 MHz RF Power MOSFET
A 12/2021
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com