Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 9 Page - Microchip Technology

Part # VRF2933
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933 Datasheet(HTML) 9 Page - Microchip Technology

Back Button VRF2933 Datasheet HTML 5Page - Microchip Technology VRF2933 Datasheet HTML 6Page - Microchip Technology VRF2933 Datasheet HTML 7Page - Microchip Technology VRF2933 Datasheet HTML 8Page - Microchip Technology VRF2933 Datasheet HTML 9Page - Microchip Technology VRF2933 Datasheet HTML 10Page - Microchip Technology VRF2933 Datasheet HTML 11Page - Microchip Technology VRF2933 Datasheet HTML 12Page - Microchip Technology VRF2933 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4.
Matched Pair Part Marking
Adding MP at the end of part number specifies a matched pair where VGS(TH) is matched between the two parts. VTH
range codes are marked on the devices per the following table.
Table 4-1. VTH Range Codes
Code
VTH Range
Code
VTH Range
A
2.900–2.975
M
3.650–3.725
B
2.975–3.050
N
3.725–3.800
C
3.050–3.125
P
3.800–3.875
D
3.125–3.200
R
3.875–3.950
E
3.200–3.275
S
3.950–4.025
F
3.275–3.350
T
4.025–4.100
G
3.350–3.425
W
4.100–4.175
H
3.425–3.500
X
4.175–4.250
J
3.500–3.575
Y
4.250–4.325
K
3.575–3.650
Z
4.325–4.400
Note:  VTH values are based on Microchip measurements at datasheet conditions with an accuracy of 1.0%.
VRF2933, VRF2933MP
Matched Pair Part Marking
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com