Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 5 Page - Microchip Technology

Part # VRF2933
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933 Datasheet(HTML) 5 Page - Microchip Technology

  VRF2933 Datasheet HTML 1Page - Microchip Technology VRF2933 Datasheet HTML 2Page - Microchip Technology VRF2933 Datasheet HTML 3Page - Microchip Technology VRF2933 Datasheet HTML 4Page - Microchip Technology VRF2933 Datasheet HTML 5Page - Microchip Technology VRF2933 Datasheet HTML 6Page - Microchip Technology VRF2933 Datasheet HTML 7Page - Microchip Technology VRF2933 Datasheet HTML 8Page - Microchip Technology VRF2933 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figure 1-7. PIN vs. POUT
Figure 1-8. PIN vs. POUT
The following table shows the typical Class AB large signal input-output impedance for the VRF2933(MP) device.
Table 1-6. Typical Class AB Large Signal Input–Output Impedance
Frequency (MHz)
Zin
Zout
2
23.6 - j 5.5
4.0 - j 0.1
13.5
7.6 - j 10.1
3.9 - j 0.6
27.1
3.5 - j 6.0
3.7 - j 1.1
40.7
2.5 - j 4.0
3.3 - j 1.5
65
1.95 - j 2.07
2.6 - j 1.9
100
1.8 - j 0.66
1.76 - j 0.2
150
1.78 + j 0.5
1.03 + j 1.7
Notes: 
• Zin — Gate shunted with 25 Ω
• Idq = 250 mA
• ZOL — Conjugate of optimum load for 300 W output at Vdd = 50 V
• j = √ – 1
VRF2933, VRF2933MP
Device Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com