Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2933 Datasheet(PDF) 10 Page - Microchip Technology

Part # VRF2933
Description  50 V, 300 W, 150 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2933 Datasheet(HTML) 10 Page - Microchip Technology

Back Button VRF2933 Datasheet HTML 6Page - Microchip Technology VRF2933 Datasheet HTML 7Page - Microchip Technology VRF2933 Datasheet HTML 8Page - Microchip Technology VRF2933 Datasheet HTML 9Page - Microchip Technology VRF2933 Datasheet HTML 10Page - Microchip Technology VRF2933 Datasheet HTML 11Page - Microchip Technology VRF2933 Datasheet HTML 12Page - Microchip Technology VRF2933 Datasheet HTML 13Page - Microchip Technology VRF2933 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5.
Revision History
Table 5-1. Revision History
Revision
Date
Description
A
02/2022
• Document migrated from
Microsemi template to
Microchip template; Assigned
Microchip literature number
DS-00004434A,which replaces
the previous Microsemi
literature number 050-4941.
• Reduced VDS(on) limit from 2.7 V
max. to 2.4 V max.
Initial releases (Microsemi Revisions
A through K)
12/2006 – 10/2020
Previous releases.
VRF2933, VRF2933MP
Revision History
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004434A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com