Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN8834ACPZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADN8834ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADN8834
Data Sheet
Rev. B | Page 4 of 27
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
N-MOSFET
R
DS_NS(ON)
WLCSP, V
PVIN = 5.0 V
40
60
mΩ
WLCSP, V
PVIN = 3.3 V
45
65
mΩ
LFCSP, V
PVIN = 5.0 V
45
75
mΩ
LFCSP, V
PVIN = 3.3 V
55
85
mΩ
Leakage Current
P-MOSFET
I
SW_P_LKG
0.1
10
µA
N-MOSFET
I
SW_N_LKG
0.1
10
µA
SW Node Rise Time1
t
SW_R
C
SW = 1 nF
1
ns
PWM Duty Cycle2
D
SW
6
93
%
SFB Input Bias Current
I
SFB
1
2
µA
PWM OSCILLATOR
Internal Oscillator Frequency
f
OSC
EN/SY high
1.85
2.0
2.15
MHz
EN/SY Input Voltage
Low
V
EN/SY_ILOW
0.8
V
High
V
EN/SY_IHIGH
2.1
V
External Synchronization Frequency
f
SYNC
1.85
3.25
MHz
Synchronization Pulse Duty Cycle
D
SYNC
10
90
%
EN/SY Rising to PWM Rising Delay
t
SYNC_PWM
50
ns
EN/SY to PWM Lock Time
t
SY_LOCK
Number of SYNC cycles
10
Cycles
EN/SY Input Current
I
EN/SY
0.3
0.5
µA
Pull-Down Current
0.3
0.5
µA
ERROR/COMPENSATION AMPLIFIERS
Input Offset Voltage
V
OS1
V
CM1 = 1.5 V, VOS1 = VIN1P − VIN1N
10
100
µV
V
OS2
V
CM2 = 1.5 V, VOS2 = VIN2P − VIN2N
10
100
µV
Input Voltage Range
V
CM1, VCM2
0
V
VDD
V
Common-Mode Rejection Ratio (CMRR)
CMRR
1, CMRR2
V
CM1, VCM2 = 0.2 V to VVDD − 0.2 V
120
dB
Output Voltage
High
V
OH1, VOH2
V
VDD
0.04
V
Low
V
OL1, VOL2
10
mV
Power Supply Rejection Ratio (PSRR)
PSRR
1, PSRR2
120
dB
Output Current
I
OUT1, IOUT2
Sourcing and sinking
5
mA
Gain Bandwidth Product1
GBW
1, GBW2
V
OUT1,VOUT2 = 0.5 V to VVDD − 1 V
2
MHz
TEC CURRENT LIMIT
ILIM Input Voltage Range
Cooling
V
ILIMC
1.3
V
VREF
0.2
V
Heating
V
ILIMH
0.2
1.2
V
Current-Limit Threshold
Cooling
V
ILIMC_TH
V
ITEC = 0.5 V
1.98
2.0
2.02
V
Heating
V
ILIMH_TH
V
ITEC = 2 V
0.48
0.5
0.52
V
ILIM Input Current
Heating
I
ILIMH
−0.2
+0.2
µA
Cooling
I
ILIMC
Sourcing current
37.5
40
42.5
µA
Cooling to Heating Current Detection
Threshold
I
COOL_HEAT_TH
40
mA
TEC VOLTAGE LIMIT
Voltage Limit Gain
A
VLIM
(V
DRL − VSFB)/VVLIM
2
V/V
VLIM/SD Input Voltage Range1
V
VLIM
0.2
V
VDD/2
V
VLIM/SD Input Current
Cooling
I
ILIMC
V
OUT2 < VVREF/2
−0.2
+0.2
µA
Heating
I
ILIMH
V
OUT2 > VVREF/2, sinking current
8
10
12.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com