Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN8834ACPZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN8834ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADN8834
Data Sheet
Rev. B | Page 14 of 27
ANALOG PID CONTROL
The ADN8834 integrates two self-correcting, auto-zeroing
amplifiers (Chopper 1 and Chopper 2). The Chopper 1 amplifier
takes a thermal sensor input and converts or regulates the input
to a linear voltage output. The OUT1 voltage is proportional to
the object temperature. The OUT1 voltage is fed into the
compensation amplifier (Chopper 2) and is compared with a
temperature setpoint voltage, which creates an error voltage that is
proportional to the difference. For autonomous analog temperature
control, Chopper 2 can be used to implement a PID network as
shown in Figure 27 to set the overall stability and response of the
thermal loop. Adjusting the PID network optimizes the step
response of the TEC control loop. A compromised settling time
and the maximum current ringing become available when this
adjustment is done. To adjust the compensation network, see
the PID Compensation Amplifier (Chopper 2) section.
DIGITAL PID CONTROL
The ADN8834 can also be configured for use in a software
controlled PID loop. In this scenario, the Chopper 1 amplifier
can either be left unused or configured as a thermistor input
amplifier connected to an external temperature measurement
analog-to-digital converter (ADC). For more information, see
the Thermistor Amplifier (Chopper 1) section. If Chopper 1 is
left unused, tie IN1N and IN1P to AGND.
The Chopper 2 amplifier is used as a buffer for the external
DAC, which controls the temperature setpoint. Connect the
DAC to IN2P and short the IN2N and OUT2 pins together. See
Figure 27 for an overview of how to configure the ADN8834
external circuitry for digital PID control.
POWERING THE CONTROLLER
The ADN8834 operates at an input voltage range of 2.7 V to
5.5 V that is applied to the VDD pin and the PVIN pin for the
WLCSP (the PVINS pin and PVINL pin for the LFCSP. The
VDD pin is the input power for the driver and internal reference.
The PVIN input power pins are combined for both the linear
and the switching driver. Apply the same input voltage to all power
input pins: VDD and PVIN. In some circumstances, an RC low-
pass filter can be added optionally between the PVIN for the
WLCSP (PVINS and PVINL for the LFCSP) and VDD pins to
prevent high frequency noise from entering VDD, as shown in
Figure 27. The capacitor and resistor values are typically 10 Ω
and 100 nF, respectively.
When configuring power supply to the ADN8834, keep in mind
that at high current loads, the input voltage may drop substantially
due to a voltage drop on the wires between the front-end power
supply and the PVIN for the WLCSP (PVINS and PVINL for
the LFCSP) pin. Leave a proper voltage margin when designing
the front-end power supply to maintain the performance.
Minimize the trace length from the power supply to the PVIN
for the WLCSP (PVINS and PVINL for the LFCSP) pin to help
mitigate the voltage drop.
ADN8834
L = 1µH
VIN
2.7V TO 5.5V
TEC
SW
SFB
LDR
PGNDS
PVIN
VDD
ILIM
VLIM/SD
ITEC
IN2P
VTEC
TEC
VOLTAGE
LIMIT
2.5V VREF
+
EN/SY
CSW_OUT
10µF
FSW = 2MHz
CL_OUT
0.1µF
CIN
10µF
CVDD
0.1µF
PGNDL
ENABLE
IN1N
IN1P
VREF
AGND
IN2N OUT2
OUT1
RV1
RV2
RC1
RC2
COOLING AND HEATING
TEC CURRENT LIMITS
CVREF
0.1uF
RA
R
2.5V VREF
TEC VOLTAGE READBACK
TEC CURRENT READBACK
TEMPERATURE SET
RB
RFB
RBP
RX
NTC
THERMISTER
RTH
TEMPERATURE
READBACK
ADC
DAC
2.5V VREF
2.5V VREF
Figure 27. TEC Controller in a Digital Temperature Control Loop (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com