Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN8834ACPZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN8834ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADN8834
Data Sheet
Rev. B | Page 8 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
Figure 4. Efficiency vs. TEC Current at VIN = 3.3 V and 5 V in Cooling Mode
with 2 Ω Load
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
Figure 5. Efficiency vs. TEC Current at VIN = 3.3 V and 5 V in Heating Mode
with 2 Ω Load
0
10
20
30
40
50
60
70
80
90
100
LOAD = 2Ω
LOAD = 3Ω
LOAD = 4Ω
LOAD = 5Ω
0
0.5
1.0
1.5
TEC CURRENT (A)
Figure 6. Efficiency vs. TEC Current at VIN = 3.3 V with Different Loads in
Cooling Mode
0
10
20
30
40
50
60
70
80
90
100
0
1.5
TEC CURRENT (A)
LOAD = 2Ω
LOAD = 3Ω
LOAD = 4Ω
LOAD = 5Ω
0.5
1.0
Figure 7. Efficiency vs. TEC Current at VIN = 3.3 V with Different Loads in
Heating Mode
2.7
5.0
4.5
4.0
3.5
3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INPUT VOLTAGE AT PVIN (V)
LOAD = 2Ω
LOAD = 3Ω
LOAD = 4Ω
LOAD = 5Ω
5.5
Figure 8. Maximum TEC Current vs. Input Voltage at PVIN (VIN = 3.3 V),
Without Voltage and Current Limit in Cooling Mode
2.7
5.5
5.0
4.5
4.0
3.5
3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INPUT VOLTAGE AT PVIN (V)
LOAD = 2Ω
LOAD = 3Ω
LOAD = 4Ω
LOAD = 5Ω
Figure 9. Maximum TEC Current vs. Input Voltage at PVIN (VIN = 3.3 V),
Without Voltage and Current Limit in Heating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com