Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN8834ACPZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN8834ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADN8834
Rev. B | Page 9 of 27
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
20
40
60
80
100
120
140
160
180
200
TIME (Seconds)
T = 15°C
T = 25°C
T = 35°C
T = 45°C
T = 55°C
Figure 10. Thermal Stability over Ambient Temperature at VIN = 3.3 V,
VTEMPSET = 1 V
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
20
40
60
80
100
120
140
160
180
200
TIME (Seconds)
T = 15°C
T = 25°C
T = 35°C
T = 45°C
T = 55°C
Figure 11. Thermal Stability over Ambient Temperature at VIN = 3.3 V,
VTEMPSET = 1.5 V
VIN = 2.7V AT NO LOAD
VIN = 3.3V AT NO LOAD
VIN = 5.5V AT NO LOAD
VIN = 2.7V AT 5mA LOAD
VIN = 3.3V AT 5mA LOAD
VIN = 5.5V AT 5mA LOAD
1.0
–50
0
50
AMBIENT TEMPERATURE (°C)
100
150
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 12. VREF Error vs. Ambient Temperature
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
10
9
8
7
6
5
4
3
2
1
LOAD CURRENT AT VREF (mA)
VIN = 3.3V, ITEC = 0A
VIN = 3.3V, ITEC = 0.5A, COOLING
VIN = 3.3V, ITEC = 0.5A, HEATING
VIN = 5.0V, ITEC = 0A
VIN = 5.0V, ITEC = 0.5A, COOLING
VIN = 5.0V, ITEC = 0.5A, HEATING
Figure 13. VREF Load Regulation
–20
–15
–10
–5
0
5
10
15
20
0
0.5
1.0
1.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
Figure 14. ITEC Current Reading Error vs. TEC Current in Cooling Mode
–20
–15
–10
–5
0
5
10
15
20
–1.5
–1.0
–0.5
0
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
Figure 15. ITEC Current Reading Error vs. TEC Current in Heating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com