Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADN8834ACPZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADN8834ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8834ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
ADN8834
Rev. B | Page 19 of 27
Calculate RX using the following equation:


+
+
=
MID
HIGH
LOW
HIGH
LOW
HIGH
MID
MID
LOW
X
R
R
R
R
R
R
R
R
R
R
2
2
THERMISTOR AMPLIFIER (CHOPPER 1)
The Chopper 1 amplifier can be used as a thermistor input
amplifier. In Figure 33, the output voltage is a function of the
thermistor temperature. The voltage at OUT1 is expressed as:
2
1
REF
FB
X
TH
FB
OUT1
V
R
R
R
R
R
V
×


+
+
=
where:
RTH is a thermistor.
RX is a compensation resistor.
Calculate R using the following equation:
R = RX + RTH_@_25°C
VOUT1 is centered around VREF/2 at 25°C. An average temperature-
to-voltage coefficient is −25 mV/°C at a range of 5°C to 45°C.
–15
5
25
45
0
2.5
65
0.5
1.0
1.5
2.0
TEMPERATURE (°C)
Figure 34. VOUT1 vs. Temperature
PID COMPENSATION AMPLIFIER (CHOPPER 2)
Use the Chopper 2 amplifier as the PID compensation amplifier.
The voltage at OUT1 feeds into the PID compensation amplifier.
The frequency response of the PID compensation amplifier is
dictated by the compensation network. Apply the temperature
set voltage at IN2P. In Figure 39, the voltage at OUT2 is
calculated using the following equation:
)
(
TEMPSET
OUT1
TEMPSET
OUT2
V
V
Z1
Z2
V
V
=
where:
VTEMPSET is the control voltage input to the IN2P pin.
Z1 is the combination of RI, RD, and CD (see Figure 35).
Z2 is the combination of RP, CI, and CF (see Figure 35).
The user sets the exact compensation network. This network
varies from a simple integrator to proportional-integral (PI), PID
(proportional-integral-derivative), or any other type of network.
The user also determines the type of compensation and component
values because they are dependent on the thermal response of the
object and the TEC. One method to empirically determine these
values is to input a step function to IN2P; thus changing the target
temperature, and adjust the compensation network to minimize
the settling time of the TEC temperature.
A typical compensation network for temperature control of a laser
module is a PID loop consisting of a very low frequency pole and
two separate zeros at higher frequencies. Figure 35 shows a simple
network for implementing PID compensation. To reduce the noise
sensitivity of the control loop, an additional pole is added at a higher
frequency than that of the zeros. The bode plot of the magnitude is
shown in Figure 36. Use the following equation to calculate the
unity-gain crossover frequency of the feed-forward amplifier:
TECGAIN
R
R
R
R
R
C
R
f
FB
X
TH
FB
I
I
0dB
×


+
×
=
1
To ensure stability, the unity-gain crossover frequency must be
lower than the thermal time constant of the TEC and thermistor.
However, this thermal time constant is sometimes unspecified,
making it difficult to characterize. There are many texts written
on loop stabilization, and it is beyond the scope of this data sheet to
discuss all methods and trade-offs for optimizing compensation
networks.
VOUT1 is a convenient measure to gauge the thermal instability of
the system, which is also known as TEMPOUT. If the thermal loop
is in steady state, the TEMPOUT voltage equals the TEMPSET
voltage, meaning that the temperature of the controlled object
equals the target temperature.
OUT1
IN2N
OUT2
PID COMPENSATOR
CHOPPER 2
IN2P
ADN8834
VTEMPSET
RI
RD
CD
CF
CI
RP
Figure 35. Implementing a PID Compensation Loop
FREQUENCY
(Hz Log Scale)
0dB
1
2π × RICI
RP
RI
1
2π × RICD
1
2π × RPCI
1
2π × CD (RD + RI)
RP
RD || RI
Figure 36. Bode Plot for PID Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com