Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-4-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2450ACPZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-4-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2450ACPZ-4-R7 Datasheet HTML 22Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 23Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 24Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 27Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 28Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 29Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 26 of 40
APPLICATIONS INFORMATION
OUTPUT CAPACITOR OF BOOST SHUNT
CONTROLLER
The output capacitor stores the energy coming from the CT and
provides the input voltage of the buck regulator as well as power
to the actuator. Depending on the VOUT1 setting and actuator
specification, the capacitance must be large enough so that it
can provide sufficient power to trigger the actuator when the
analog trip occurs and prevent the VOUT1 voltage from dropping.
The voltage rating of the boost shunt output capacitor must be
higher than the output voltage of the boost shunt controller
(VOUT1). A margin of at least 20% must be reserved. Polymer,
tantalum, and aluminum electrolytic capacitors are recommended
for the balance between capacitance, voltage rating, and size.
It is recommended to use a ceramic capacitor in the range from
1 μF to 10 μF in parallel with the output capacitor to reduce the
total effective series resistance (ESR), thus reducing the output
voltage ripple. Table 9 lists several recommended output
capacitors for the boost shunt controller.
Table 9. Recommended Output Capacitors
Vendor
Part Number
Capacitance
(μF)
Voltage
(V)
KEMET
T521X336M050ATE075
33
50
T521X476M035ATE070
47
35
T494E476M035AT7280
47
35
A767KN476M1HLAE029
47
50
Panasonic
EEFCX1V220R
22
35
35SVPF39M
39
35
50SVPF39M
39
50
EEHZA1H680P
68
50
EEHZA1H330XP
33
50
BRIDGE RECTIFIER
The bridge rectifier converts the sinusoid current of the CT
secondary side to a half sinusoid current to provide power to
the ADP2450. The average forward rectified current of the
bridge rectifier diode (IF) must be higher than the rms current
of the CT secondary side during normal operation. The
maximum dc blocking voltage of the bridge rectifier diode
(VDC) must be higher than the boost shunt controller output
voltage (VOUT1) of the ADP2450. Ensure that the peak forward
surge current of the bridge rectifier diode (IFSM) can handle the
peak current of the CT secondary side when a fault occurs, such
as when an analog trip is triggered.
Bridge rectifier diodes with low forward voltage are recommended.
A low forward voltage reduces the power loss on the bridge
rectifier diodes. However, the package size of the bridge rectifier
increases. Table 10 lists several recommended bridge rectifiers
for general applications.
Table 10. Recommended Bridge Rectifiers
Vendor
Part Number
IF (A)
VDC (V)
VF (V)
IFSM (A)
Bourns
CD2320-B1200
1
200
1
30
CD2320-B1400
1
400
1
30
CD2320-B1600
1
600
1
30
CD2320-B1800
1
800
1
30
CD2320-B11000
1
1000
1
30
Fairchild
MDB6S
1
600
1.1
30
MDB8S
1
800
1.1
30
MDB10S
1
1000
1.1
30
SENSE RESISTOR SELECTION
In a typical MCCB application, a sense resistor is connected
between the negative output of the bridge rectifier and ground
to convert the half sinusoid current signal to the half sinusoid
voltage signal as the PGA input for signal coordination. The
resistor value depends on the system rated current (IN), the turn
ratio of the current transformer, the PGA gain setting, and the
PGA output low voltage.
A large resistor value provides a large input and output voltage
signal of the PGA for easy sampling. However, a large resistor
value increases the power loss on the sense resistor. A small
resistor value reduces the power loss. However, a small resistor
value decreases the PGA input and output voltage signal. Ensure
that the lowest PGA output signal for the ADC sampling is
higher than the output low voltage of the PGA so that the
sampling accuracy of the small signal is not affected.
The resistor power must be high enough to handle the large
current flowing through the sense resistor when the analog trip
occurs. Table 11 lists several recommended sense resistors.
Table 11. Recommended Sense Resistors
Vendor
Part Number
Value (Ω)
Power (W)
Vishay Dale
WSC2515R5000FEA
0.5
1
WSC25151R000FEA
1
1
WSC25152R000FEA
2
1
Rohm
MCR100JZHFLR510
0.51
1
LTR50UZPF1R00
1
1
MCR100JZHFL2R00
2
1
Bourns
PWR2615WR500FE
0.5
1
CRL2512-FW-1R00ELF
1
1
CRL2512-FW-2R00ELF
2
1
CRM2512-FX-2R00ELF
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com