Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-4-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2450ACPZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-4-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2450ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 10Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 11Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 12Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 10 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
24 FB2
23 RSTO
22 GAIN0
21 GAIN1
20 EOUT5
19 EIN5_N
18 EIN5_P
17 VCOM
1
2
3
4
5
6
7
8
PGND1
GATE
TRG
VTRP
VREG
GND
AVDD
EIN1
ADP2450
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. SOLDER THE EXPOSED
PAD TO AN EXTERNAL GND PLANE.
Figure 3. 32-Lead LFCSP Package Pin Configuration (Top View)
48 47 46 45 44 43 42 41 40 39 38 37
35
34
33
30
31
32
36
29
28
27
25
26
2
3
4
7
6
5
1
8
9
10
12
11
NOTES
1. NIC = NOT INTERNALLY CONNECTED. LEAVE THIS PIN OPEN.
13 14 15 16 17 18 19 20 21 22 23 24
ADP2450
(Not to Scale)
TOP VIEW
FB2
RSTO
GAIN0
NIC
NIC
GAIN1
NIC
EOUT5
EIN5_N
EIN5_P
NIC
VCOM
PGND1
GATE
TRG
VTRPL
VTRP
NIC
NIC
VREG
GND
AVDD
NIC
EIN1
Figure 4. 48-Lead LQFP Package Pin Configuration (Top View)
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
32-Lead
LQFP
48-Lead
1
2
PGND1
Boost Shunt Driver and Actuator Driver Ground.
2
3
GATE
Actuator Driver. This pin drives the silicon controlled rectifier (SCR), field-effect transistor
(FET), or transistor.
3
4
TRG
Actuator Trigger Signal. This signal comes from the microcontroller unit (MCU).
4
6
VTRP
Analog Trip High Threshold Setting. Connect a resistor between this pin and ground to set
the analog trip high threshold.
7
VTRPL
Analog Trip Low Threshold Setting. Connect a resistor between this pin and ground to set
the analog trip low threshold.
5
8
VREG
Internal 5 V Regulator Output. The IC control circuits are powered from this voltage. Place a
1 μF ceramic capacitor between VREG and GND.
6
9
GND
Analog Ground. Connect this pin to the ground plane.
7
10
AVDD
Power Supply for the Amplifier Block.
8
11
EIN1
Input of the Programmable Gain Amplifier 1.
9
13
EOUT1
Output of the Programmable Gain Amplifier 1.
10
15
EIN2
Input of the Programmable Gain Amplifier 2.
11
16
EOUT2
Output of the Programmable Gain Amplifier 2.
12
18
EIN3
Input of the Programmable Gain Amplifier 3.
13
19
EOUT3
Output of the Programmable Gain Amplifier 3.
14
21
EIN4
Input of the Programmable Gain Amplifier 4.
15
22
EOUT4
Output of the Programmable Gain Amplifier 4.
16
23
RCOM
External Resistance Compensation for Programmable Gain Amplifier 1 to Amplifier 4.
17
26
VCOM
Setting for the Output Common Voltage of the Programmable Gain Amplifiers. This pin is
connected to an external reference voltage.
18
27
EIN5_P
Positive Input of Amplifier 5.
19
28
EIN5_N
Negative Input of Amplifier 5.
20
29
EOUT5
Output of the Amplifier 5.
21
32
GAIN1
Gain Setting for Programmable Gain Amplifier 1 to Amplifier 4. This pin is combined with
GAIN0 to set the gain of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com