Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-4-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2450ACPZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-4-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2450ACPZ-4-R7 Datasheet HTML 1Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 2Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 3Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 4Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 5Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 6Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 7Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 5 of 40
SPECIFICATIONS
BOOST SHUNT CONTROLLER AND POWER DETECTION SPECIFICATIONS
VIN = 12 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INPUT
VIN pin
Input Voltage Range
VIN
4.5
36
V
Quiescent Current1
IQ_VIN
VIN =12 V, FB1 = GND, FB2 = 0.65 V, no switching
1.35
mA
Undervoltage Lockout Threshold (UVLO)2
VIN Rising
2.5
2.7
V
VIN Falling
2.2
2.4
V
FEEDBACK (FB1)
FB1 Regulation Voltage
VFB1
Falling
1.182
1.2
1.218
V
FB1 Hysteresis
19
mV
FB1 Bias Current
IFB1
0.01
0.1
μA
Hysteresis Comparator Response Time
100
ns
BOOST SHUNT DRIVER (DRV)
Rising Time3
CDRV = 2.2 nF, from 0.8 V to 7.2 V
80
ns
Falling Time3
CDRV = 2.2 nF, from 7.2 V to 0.8 V
35
ns
Sourcing Resistor
4
Ω
Sinking Resistor
2
Ω
Peak Source Current4
1
A
Sink Source Current4
1
A
DRV Output High Voltage
VDRV_H
7.6
8
8.4
V
INTERNAL REGULATOR (VREG)
VREG Voltage
VVREG
IVREG = 5 mA
4.7
5
5.3
V
Dropout Voltage
IVREG = 5 mA
27
mV
Regulator Current Limit
200
mA
POWER DETECTION
VPTH Rising Threshold
VPTH_R
1.22
1.25
V
VPTH Falling Threshold
VPTH_F
1.05
1.09
V
VPTH Source Current
VPTH voltage < 1.09 V
4.8
μA
VPTH voltage > 1.22 V
1
μA
Power Detection Deglitch Time
10
μs
DET Output Low Voltage
IDET = 20 mA
0.3
0.55
V
Maximum Sink Current on DET
IDET_MAX
100
mA
ACTUATOR DRIVER (TRG AND GATE)
Input High Voltage
TRG pin
1.2
V
Input Low Voltage
TRG pin
0.4
V
Deglitch Time
TRG pin
30
μs
GATE Maximum Source Current
GATE pin
85
mA
GATE Driver Output Voltage
GATE pin
5
V
THERMAL
Thermal Shutdown Threshold4
150
°C
Thermal Shutdown Hysteresis4
15
°C
1 This current is measured from the VIN pin.
2 This UVLO threshold is only for the boost control block.
3 Bench measurement result.
4 Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com