Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-4-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2450ACPZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-4-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2450ACPZ-4-R7 Datasheet HTML 19Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 20Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 21Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 22Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 23Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 24Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 23 of 40
BUCK REGULATOR
The buck regulator in the ADP2450 uses a current mode
control scheme for stability and transient response.
The buck regulator operates in a 1.2 MHz fixed switching
frequency. The regulator integrates the soft start and
compensation circuit to reduce the external components and
provide an easy to use solution. The soft-start time is 400 μs for
the fixed output version and is 1.6 ms for the adjustable output
version.
The ADP2450 uses the emulated current ramp voltage for cycle
by cycle current-limit protection to prevent current runaway.
When the emulated current ramp voltage reaches the current-
limit threshold, the high-side MOSFET turns off and the low-
side MOSFET turns on until the next cycle. The overcurrent
counter increments during this cycling process. If the overcurrent
does not occur in the next cycle, the overcurrent counter decreases.
If the overcurrent counter reaches 10 or the voltage on the
FB2 pin drops below 0.2 V after soft start, the buck regulator
enters into hiccup mode. During hiccup mode, both the high-
side MOSFET and low-side MOSFET are turned off. The buck
regulator remains in hiccup mode for 1024 clock cycles and
then attempts to restart with a soft start. If the current-limit
fault is cleared, the buck regulator resumes normal operation.
Otherwise, the buck regulator reenters hiccup mode.
The low-side MOSFET in the buck regulator also sinks current
from the load. If the low-side sink current exceeds the sink
current-limit threshold, both the low-side and high-side
MOSFETs are turned off until the next cycle starts.
The buck regulator only works when the voltage on the VPTH pin
is higher than the VPTH rising threshold.
BOOTSTRAP CIRCUIT
The ADP2450 includes a regulator to provide the gate driver
voltage for the high-side N-MOSFET of the buck regulator. It
uses differential sensing method to generate a 5 V bootstrap
voltage between the BST and the SW pins.
It is recommended to place a 0.1 μF, X7R or X5R ceramic
capacitor between the BST and the SW pins.
POWER MONITOR AND RESET
The output voltage of the buck regulator is monitored through
the FB2 pin. When the voltage on FB2 pin is below the reset
threshold, the RSTO pin is pulled down. When the voltage on
FB2 pin is above the reset threshold, the RSTO pin is released
and can be pulled up by an external voltage source. A delay time
is designed for the RSTO pin to ensure that no glitch occurs on
the RSTO pin. There are four following options for the rising
delay time: 0.5 ms, 1 ms, 2 ms, and 5 ms. The falling delay time is
fixed at 10 μs.
PROGRAMMABLE GAIN AMPLIFIER
The ADP2450 integrates four low offset, low power programmable
gain amplifiers (PGA1, PGA2, PGA3, and PGA4). The gain of
these amplifiers is programmable through the GAIN0 and
GAIN1 pins.
Connect a resistor between the GAIN1 pin and ground to set
different gains.
Pull up the GAIN0 pin to high or pull down the GAIN0 pin to
low to choose different gain ranges.
A total of 15 gains can be obtained via different combinations
of GAIN0 and GAIN1 settings. Table 8 shows the relationship
between the gain and the GAIN0 and GAIN1 configurations.
Table 8. Gain Setting for PGAx
Resistance on GAIN1 (kΩ )
GAIN
GAIN0 = Low
GAIN0 = High
0
0.75
3
42.2
1
4
63.4
1.25
5
95.3
1.5
6
143
1.75
7
215
2
8
324
2.5
10
AVDD
4
16
The AVDD pin provides the voltage supply for the programmable
gain amplifiers, and the output voltage of the amplifiers are
clamped between zero and VAVDD.
The output voltage of PGAx is calculated with the following
equation:
2
VCOM
EOUTx
EINx
V
VV
GAIN

where:
VEOUTx is the voltage on the EOUTx pin.
VVCOM is the voltage on VCOM pin.
VEINx is the voltage on the EINx pin.
GAIN is the gain value programmed by the GAIN0 and
GAIN1 pins according to Table 8.
In a Rogowski application, as shown in Figure 75, connect a
resistor between RCOM and ground to compensate for the
passive, integrated dc resistor. Connect VCOM to AVDD or to a
reference voltage derived from AVDD for the proper start-up
sequence.
In the CT current sense application, connect both the VCOM
and RCOM pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com