Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-4-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2450ACPZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-4-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2450ACPZ-4-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 16Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 17Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 18Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 19Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 20Page - Analog Devices ADP2450ACPZ-4-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 17 of 40
40
–40
–30
10
–10
30
0
–20
20
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
AV = 1
AV = 4
AV = 16
RL = 10kΩ
CL = 35pF
Figure 35. PGA Closed-Loop Gain vs. Frequency
10
0.001
0.01
1
0.1
FREQUENCY (Hz)
10
100
1k
10k
100k
10M
1M
Figure 36. PGA Input Voltage Noise Density vs. Frequency
30
0
5
10
15
20
25
OP AMP VOS (µV)
149 OP AMPs
Figure 37. Operational Amplifier (Op Amp) Input Offset Voltage Distribution
CH1 2.00V BW
CH2 200mV BW
CH1
2.80V
10.0ms 1.0MS/s
T
1
2
T
–180.0000µs
100k PTS
EINx
EOUTx
Figure 38. PGA No Phase Reversal, VVCOM = VAVDD = 4 V, AV = −10
CH1 100mV
CH1
120mV
1.00s
T
100kS/s
1
1M PTS
NOISE = 335mV p-p
Figure 39. PGA 0.1 Hz to 10 Hz Noise, Amplification = 10,000×
30
0
5
10
15
20
25
OP AMP VOS TEMPERATURE DRIFT (µV/°C)
149 OP AMPs
0
2468
10
12
14
18
16
20
13579
11
13
17
15
19
Figure 40. Op Amp Input Offset Voltage Temperature Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com