Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64892AFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M64892AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64892AFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M64892AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI ICS (TV)
M64892AFP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
3
DESCRIPTION OF PIN
ABSOLUTE MAXIMUM RATINGS (Ta=-20
°C to +75°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (Ta=-20
°C to +75°C, unless otherwise noted)
Pin No.
Symbol
Pin name
Function
1
fin
Prescaler input
Input for the VCO frequency.
2
GND
GND
Ground to 0V.
3VCC1
Power supply voltage 1
Power supply voltage terminal. 5.0V
±0.5V
4VCC2
Power supply voltage 2
Power supply for band switching, Vcc1 to 13.2V
5
6
7
8
BS4
BS3
BS2
BS1
Band switching
outputs
PNP open collector method is used.
When the band switching data is "H", the output is ON.
When it is "L", the output is OFF.
9
Vin
Filter input
(Charge pump output)
This is the output terminal for the LPF input and charge pump output. When the
phase of the programmable divider output (f1/N) is ahead compared to the refer-
ence frequency (fref), the "source" current state becomes active.
If it is behind, the "sink" current becomes active.
If the phases are the same, the high impedance state becomes active.
10
Vtu
Tuning output
This supplies the tuning voltage.
11
VCC3
Power supply voltage 3
Power supply voltage for tuning voltage 28 to 35V
12
LD/ftest
Lock detect/Test port
When 18/19 bit data is input, lock detector is output.
When 27 bit data is input, lock detector is output, the programmable freq.
Divider output and reference freq.
Output is selected by the test mode.
13
CLK
Clock input
Data is read into the shift register when the clock signal falls.
14
DATA
Data input
Input for band SW and programmable freq. divider set up.
15
ENA
Enable input
This is normally at a "L". When this is at "H", data and clock signals are received.
Data is read into the latch when the enable signal after the 18th signal of the clock
signal falls or when the 19th pulse of the clock signal falls.
16
Xin
This is connected to the
crystal oscillator
4.0MHz crystal oscillator is connected.
Symbol
Parameter
Conditions
Ratings
Unit
VCC1
Supply voltage 1
Pin3
6.0
V
VCC2
Supply voltage 2
Pin4
14.4
V
VCC3
Supply voltage 3
Pin11
36.0
V
VI
Input voltage
Not to exceed VCC1
6.0
V
VO
Output voltage
LD output
6.0
V
VBSOFF
Voltage applied when the band output is
OFF
14.4
V
IBSON
Band output current
Per 1 band output circuit
50.0
mA
tBSON
ON the time when the band output is ON
50mA per 1 band output circuit
3circuits are pn at same time
10
sec
Pd
Power dissipation
Ta=+75
°C (SOP/SSOP)
FP: 450 (GP: 470)
mW
Topr
Operating temperature
-20 to +75
°C
Tstg
Storage temperature
-40 to +125
°C
Symbol
Parameter
Conditions
Ratings
Unit
VCC1
Supply voltage 1
4.5 to 5.5
V
VCC2
Supply voltage 2
VCC1 to 13.2
V
VCC3
Supply voltage 3
28 to 35
V
fopr1
Operating frequency (1)
Crystal oscillation circuit
4.0
MHz
fopr2
Operating frequency (2)
80 to 1,000
MHz
IBDL
Band output current 5 to 8
Normally 1 circuit is ON. 2 circuits on at the
same time is max. It is prohibited to have 3 or
more circuits turned on at the same time.
0 to 40
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com