Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64892AFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M64892AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64892AFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M64892AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI ICS (TV)
M64892AFP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
4
ELECTRICAL CHARACTERISTICS (Ta=-20
°C to +75°C, Vcc1=5.0V, Vcc2=12V, Vcc3=33V, unless otherwise noted)
Note. Typical values are measured at VCC1=5.0V, VCC2=12V, VCC3=33V and Ta=+25
°C.
SWITCHING CHARACTERISTICS (Ta=-20
°C to +75°C, VCC1=5.0V, VCC2=12V, VCC3=33V, unless otherwise noted)
Symbol
Parameter
Test pin
Test conditions
Limits
Unit
Min.
Typ.
Max.
VIH
Input pin
“H” input voltage
13 to 15
3.0
−
VCC1+0.3
V
VIL
“L” input voltage
13 to 15
−−
1.5
V
IIH
“H” input current
13 to 15
VCC1=5.5V, Vi=4.0V
−−
10
µA
IIL
“L” input current
13, 15
VCC1=5.5V, Vi=0.4V
−
-6
-20
µA
“L” input current
14
VCC1=5.5V, Vi=0.4V
−
-18
-30
µA
VOH
Lock
output
“H” output voltage
12
VCC1=5.5V
5.0
−−
V
VOL
“L” output voltage
12
VCC1=5.5V
−
0.3
0.5
V
VBS
Band
SW
Output voltage
5 to 8
VCC2=12V, Io=-40mA
11.6
11.8
−
V
IOLK1
Leak current
5 to 8
VCC2=12V band SW is OFF
−−
-10
µA
VTOH
Tuning
output
Output voltage “H”
10
VCC3=33V
32.5
−−
V
VTOL
Output voltage “L”
10
VCC3=33V
−
0.2
0.4
V
IOH
Charge
pump
“H” output current
9
VCC1=5.0V, Vo=2.5V
−±270
±370
µA
IOL
“L” output current
9
VCC1=5.0V, Vo=2.5V
−
±70
±110
µA
ICPLK
Leak current
9
VCC1=5.0V, Vo=2.5V
−−
±50
nA
ICC1
Supply current 1
3
VCC1=5.5V
−
20
30
mA
ICC2A
Supply
current 2
4 circuits: OFF
4
VCC2=12V
−−
0.3
mA
ICC2B
1 circuits: ON,
Output: OPEN
4VCC2=12V
−
6.0
8.0
mA
ICC2C
1 circuits: ON,
Output current 40mA
4VCC2=12V Io=-40mA
−
46.0
48.0
mA
ICC3
Supply current 3
11
VCC3=33V Output ON
−
3.0
4.0
mA
Symbol
Parameter
Test pin
Test conditions
Limits
Unit
Min.
Typ.
Max.
fopr
Prescaler operating frequency
1
VCC1=4.5 to 5.5V
Vin=Vinmin to Vinmax
80
−
1000
MHz
Vin
Operating input voltage
1
VCC1=4.5
to 5.5V
80 to 100MHz
-24
−
4
dBm
100 to 200MHz
-27
−
4
200 to 800MHz
-30
−
4
800 to 1000MHz
-27
−
4
tPWC
Clock pulse width
13
VCC1=4.5 to 5.5V
1
−−
µs
tSU (D)
Data setup time
14
VCC1=4.5 to 5.5V
2
−−
µs
tH (D)
Data hold time
14
VCC1=4.5 to 5.5V
1
−−
µs
tSU (E)
Enable setup time
15
VCC1=4.5 to 5.5V
3
−−
µs
tH (E)
Enable hold time
15
VCC1=4.5 to 5.5V
3
−−
µs
tINT
Enable data interval time
15, 14
VCC1=4.5 to 5.5V
1
−−
µs
tr
Rise time
13, 14, 15
VCC1=4.5 to 5.5V
−−
1
µs
tf
Fall time
13, 14, 15
VCC1=4.5 to 5.5V
−−
1
µs
tbt
Next enable prohibit time
15
VCC1=4.5 to 5.5V
5
−−
µs
tbcl
Next clock prohibit time
13, 15
VCC1=4.5 to 5.5V
5
−−
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com