Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64892AFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M64892AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64892AFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M64892AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI ICS (TV)
M64892AFP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
6
METHOD OF SET THE DIVIDING RATIO OF THE
PROGRAMMABLE DIVIDER
(1) Transfer of the 18th bit data
Total division N is given by the following formulas in addition to the
prescaler used in the previous stage.
N=8 (32M+S) M:9 bit main counter division
S:5 bit swallow counter division
The M and S counters are binary the possible ranges of division are
as follows.
32
≤M≤511
0
≤S≤31
Therefore, the range of division N is 8,192 to 131,064.
The tuning frequency fVCO is given in the following equations.
fVCO =fREF
×N
=7.8125
×8×(32M+S)
=62.5
×(32M+S)
[kHz]
Therefore, the tuning frequency range is 64MHz to 1023.9375MHz.
(2) Transfer of the 19th bit data
Total division N is given by the following formulas in addition to the
prescaler used in the previous stage.
N=8 (32M+S) M:10 bit main counter division
S:5 bit swallow counter division
The M and S counters are binary the possible ranges of division are
as follows.
32
≤M≤1023
0
≤S≤31
Therefore, the range of division N is 8,192 to 262,136.
The tuning frequency fVCO is given in the following equations.
fVCO =fREF
×N
= 3.90625
×8×(32M+S)
= 31.25
×(32M+S)
[kHz]
Therefore, the tuning frequency range is 32MHz to 1023,9687MHz.
TEST MODE DATA SET UP METHOD
The data for the test mode uses 20 to 27bits. Data is latched when
the 27th clock signal falls.
(1) When transferring 3-wire 27bit data
ENA
T2
T1
T0 RSa RSb OS
TEST DATA SETTING
CLK
S1
CP
BAND SW
DATA
M COUNTER DIVISION
RATIO SETTING
S COUNTER
RATIO SETTING
1
19
20
27
READ INTO LATCH
DIVISION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com