Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64892AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M64892AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64892AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M64892AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI ICS (TV)
M64892AFP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
1
DESCRIPTION
The M64892 is a semiconductor integrated circuit consisting of
PLL frequency synthesizer for TV/VCR using Bip process. It
contains the prescaler with operating up to 1.0GHz, 4 band drivers
and Op. Amp for direct tuning.
FEATURES
• 4 integrated PNP band drivers
(Io=40mA,Vsat=0.2V typ@Vcc1 to 13.2V)
• Built-in Op. Amp for direct tuning voltage output (33V)
• Low power dissipation (Icc=20mA, Vcc1=5V)
• Built-in prescaler with input amplifier (Fmax=1.0GHz)
• PLL lock/unlock status display out put
(Built-in pull up resistor )
• X’tal 4MHz is used to realize 3 type of tuning steps
(Division ratio 1/512, 1/640, 1/1024)
• Serial data input. (3 wire bus)
• Software and pin compatible with M64092/M64892
• Automatic switching of tuning step according to the number of
data bits (62.5kHz at 18bits, 31.25kHz at 19bits)
• Built-in Power on reset system
• 16-pin small SOP/SSOP package
APPLICATION
TV, VCR tuners
RECOMMENDED OPERATING CONDITION
Supply voltage range..............................................VCC1=4.5 to 5.5V
VCC2=VCC1 to 13.2V
VCC3=28 to 35V
Rated supply voltage...........................................................VCC1=5V
VCC2=12V
VCC3=33V
PIN CONFIGURATION (TOP VIEW)
FUNCTION
• 2-modulus prescaler (1/32 and 1/33)
• Built-in 4MHz crystal oscillator and reference divider
• Programmable divider (10-bit M counter, 5-bit S counter)
• Tri-state phase comparator
• Lock detector
• Band switch driver
• Op. Amp for direct tuning
Xin
ENA
DATA
CLK
LD/ftest
VCC3
Vtu
Vin
CRYSTAL
PRESCALER
GND
SUPPLY
SUPPLY
BAND
OUTPUTS
BS4
BS3
BS2
BS1
INPUT
fin
GND
VCC1
VOLTAGE 1
VOLTAGE 2
VCC2
Outline 16P2S-A (AFP)
16
13
14
15
1
4
3
2
12
5
11
6
10
7
9
8
SWITCHING
ENABLE
INPUT
OSCILLATOR
DATA INPUT
CLOCK INPUT
LD/ftest
SUPPLY
VOLTAGE 3
TUNING
OUTPUT
FILTER INPUT
OUTPUT
16P2Z-A (AGP)


Similar Part No. - M64892AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893AGP MITSUBISHI-M64893AGP Datasheet
78Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
logo
Mitsubishi Electric Sem...
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893GP MITSUBISHI-M64893GP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
More results

Similar Description - M64892AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
Serial Input PLL Frequency Synthesizer for TV/VCR
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com