Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64892AFP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M64892AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64892AFP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M64892AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64892AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI ICS (TV)
M64892AFP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
7
(2)Test mode bit set up
X
:Random, 0 or 1. normal “0”
CP
:Set up the charge pump current value
T0, T1, and T2 :Set up test modes
RSa, RSb
:Set up for the reference frequency division ratio
OS
:Set up the tuning amplifier
SI
:1 only (It is prohibit to “0”)
Setting up the charge pump current of the phase comparator
Setting up for the test mode
∗ Built-in pull up resistor, and the resistor is unnecessary.
Set up for the reference frequency division ratio
Set up the tuning amplifier
POWER ON RESET OPERATION
(Initial state the power is turned ON)
BS4 to BS1
: OFF
Charge pump
: High impedance
Tuning amplifier
: OFF
Charge pump current
: 270
µA
Frequency division ratio
: 1/1024
Lock detect
: “H”
CP
Charge pump current
Mode
070
µA
Test
1
270
µA
Normal
T2 T1 T0
Charge pump
12 pin output
Mode
0
0
X
Normal operation
LD
Normal operation
0
1
X
High impedance
LD
Test mode
1
1
0
Sink
LD
Test mode
1
1
1
Source
LD
Test mode
1
0
0
High impedance
fREF
Test mode
1
0
1
High impedance
f1/N
Test mode
RSa
RSb
Frequency ratio
1
1
1/512
0
1
1/1024
X
0
1/640
OS
Tuning voltage output
Mode
0
ON
Normal
1
OFF
Test
TIMING DIAGRAM
CRYSTAL OSCILLATOR CONNECTION DIAGRAM
ENABLE
VIH
VIL
VIH
VIH
VIL
VIL
DATA
CLOCK
tr
tf
90%
1.5V
10%
tINT
1.5V
10%
90%
tr
tf
90%
10%
tINT
90%
10%
tH(E)
tf
tr
10%
90%
10%
90%
tH(D)
tSU(E)
tSU(D)
tPWC
1.5V
tBT
tBCL
16
18pF
4MHz
Crystal oscillator characteristics
Actual resistance: less then 300
Ω
Load capacitance : 20pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com