Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 3Page - Analog Devices ADPA7008 Datasheet HTML 4Page - Analog Devices ADPA7008 Datasheet HTML 5Page - Analog Devices ADPA7008 Datasheet HTML 6Page - Analog Devices ADPA7008 Datasheet HTML 7Page - Analog Devices ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices ADPA7008 Datasheet HTML 10Page - Analog Devices ADPA7008 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 7 of 28
Figure 10. Gain and Input and Output Return Loss vs. Frequency, VDD = 5 V,
IDQ = 1500 mA
26
0
2
6
14
20
24
4
10
18
12
8
16
22
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 11. Gain vs. Frequency for Various Supply Voltages, IDQ = 1500 mA
0
–20
–18
–14
–10
–6
–2
–16
–12
–8
–4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
Figure 12. Input Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 1500 mA
26
0
2
6
14
20
24
4
10
18
12
8
16
22
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 13. Gain vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1500 mA
26
0
2
6
14
20
24
4
10
18
12
8
16
22
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
1300mA
1500mA
1700mA
Figure 14. Gain vs. Frequency for Various Supply Currents, VDD = 5 V
0
–20
–18
–14
–10
–6
–2
–16
–12
–8
–4
FREQUENCY (GHz)
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
4V
5V
Figure 15. Input Return Loss vs. Frequency for Various Supply Voltages,
IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com