Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 15Page - Analog Devices ADPA7008 Datasheet HTML 16Page - Analog Devices ADPA7008 Datasheet HTML 17Page - Analog Devices ADPA7008 Datasheet HTML 18Page - Analog Devices ADPA7008 Datasheet HTML 19Page - Analog Devices ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADPA7008
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 28
Figure 68 shows the basic connections for operation when the gate
voltage is applied on the north side of the device to Pin 4 (VGG1).
Figure 69 shows the basic connections for operation when the gate
voltage is applied on the south side to Pin 10 (VGG2). While the
gate voltage bias signal can be applied to either VGG1 or to VGG2
(the unused pin is left open), the drain supply must be applied to
all VDDx pins. The power supply decoupling scheme shown can be
simplified by combining the larger capacitance values. For example,
C13 and C14 can be combined into a single 4.7 μF capacitor (C18
and C29 can be combined in the same manner). Each VDDx pin
must have at least one dedicated 100 pF capacitor.
All measurements for this device were taken using the application
circuit (see Figure 68 ).
The recommended power-up bias sequence is as follows:
1. Connect GND to RF and dc ground.
2. Set the gate bias voltages, VGG1 or VGG2, to −1.5 V.
3. Set all drain bias voltages, VDDx, to 5 V.
4. Increase the gate bias voltages, VGG1 or VGG2, to achieve an
IDQ of 1500 mA.
5. Apply the RF signal.
The recommended power-down bias sequence is as follows:
1. Turn off the RF signal.
2. Decrease the gate bias voltages, VGG1 or VGG2, to −1.5 V to
achieve an IDQ = 0 mA (approximately).
3. Decrease all the drain bias voltages, VDDx, to 0 V.
4. Increase the gate bias voltages, VGG1 or VGG2, to 0 V.
The VDD = 5 V and IDQ = 1500 mA bias conditions are recommend-
ed to optimize overall performance. Unless otherwise noted, the
data shown was taken using the recommended bias conditions
and basic connections schematic with north side gate biasing (see
Figure 68). See Figure 69 for the application circuit for the south
side gating biasing configuration.
Operation of the ADPA7008 at different bias conditions provides
performance that differs from what is shown in Table 1,
Table 2, Table 3, and Table 4. Biasing the ADPA7008 for higher
drain current typically results in higher P1dB and gain at the
expense of increased power consumption (see Table 9). Data
was taken for Table 9 at the following nominal bias conditions:
VDD = 5 V, TA = 25°C, and frequency = 36 GHz.
Table 9. Power Selection Table
IDQ (mA)
Gain (dB)
P1dB (dBm)
Output IP3 (dBm)
PDISS (W) at PSAT
VGGx (V)1
1300
17.7
30.1
40.4
7.7
−0.68
1500
18.4
30.3
39.2
7.9
−0.63
1700
18.8
30.6
36.9
8.0
−0.59
1 Adjust VGG1 from −1.5 V to 0.4 V to achieve the desired drain current.
TYPICAL APPLICATION CIRCUITS
Figure 68. Basic Connections for Operation with the North Side Gate Voltage Biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com