Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices ADPA7008 Datasheet HTML 10Page - Analog Devices ADPA7008 Datasheet HTML 11Page - Analog Devices ADPA7008 Datasheet HTML 12Page - Analog Devices ADPA7008 Datasheet HTML 13Page - Analog Devices ADPA7008 Datasheet HTML 14Page - Analog Devices ADPA7008 Datasheet HTML 15Page - Analog Devices ADPA7008 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 28
10.6
7.0
7.4
8.4
9.4
10.0
10.4
8.0
7.8
7.2
7.6
8.6
8.2
9.0
9.8
9.2
8.8
9.6
10.2
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
Figure 40. PDISS vs. Input Power for Various Frequencies at TA = 85°C,
VDD = 5 V, IDQ = 1500 mA
2000
1300
1500
1700
1900
1400
1600
1800
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 41. IDD vs. Input Power at Various Temperatures, 36 GHz, VDD = 5 V,
IDQ = 1500 mA
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 42. Output IP3 vs. Frequency at Various Temperatures,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1500 mA
2900
1300
1700
2300
2700
2100
1500
1900
2500
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
–4
18
16
12
8
4
0
–2
14
10
6
2
INPUT POWER (dBm)
Figure 43. IDD vs. Input Power at Various Frequencies, VDD = 5 V,
IDQ = 1500 mA
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 44. Output IP3 vs. Frequency for Various Supply Voltages,
POUT per Tone = 14 dBm, IDQ = 1500 mA
44
20
22
32
38
42
24
28
36
30
26
34
40
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 45. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1700 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com